MV26V1CD-R
AI

The **MV26V1CD-R** is a specific model of a **Miniature Vertical (MV) Voltage Controlled Crystal Oscillator (VCXO)**. These components are critical in telecommunications and networking hardware for frequency control and synchronization.
---
### 1. Component Overview
The MV26V1CD-R belongs to a category of high-precision oscillators where the output frequency can be adjusted (varied) by a DC input voltage.
| Parameter | Description |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Style** | Miniature Vertical / Through-hole (DIP) |
| **Function** | Generates a stable clock signal adjustable via voltage |
| **Common Application** | Phase-Locked Loops (PLL), Frequency Synthesis |
---
### 2. Key Electronic Characteristics
While specific datasheets vary by manufacturer (often associated with brands like *Connor-Winfield* or *C-MAC*), the "MV26" series generally follows these technical specifications:
#### A. Frequency Control
* **Control Voltage ($V_c$):** Typically ranges from 0.5V to 4.5V.
* **Pullability:** The range by which the frequency can be "pulled" from the center frequency, usually measured in parts per million (PPM), often $\pm 50$ to $\pm 100$ PPM.
#### B. Electrical Performance
* **Supply Voltage ($V_{cc}$):** Usually 5.0V or 3.3V DC.
* **Output Waveform:** HCMOS/TTL compatible, providing clean square waves for digital circuits.
* **Stability:** High thermal stability compared to standard oscillators, often used in environments with temperature fluctuations.
---
### 3. Pinout Configuration
Most parts in this series utilize a standard 4-pin or 6-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **Control Voltage** | The input DC voltage used to adjust the frequency. |
| **2** | **Case Ground** | Connected to the circuit ground and the metal housing for EMI shielding. |
| **3** | **Output** | The stabilized clock signal sent to the CPU/FPGA. |
| **4** | **Supply ($V_{cc}$)** | Positive power input. |
---
### 4. Meaning of the Suffixes
* **MV:** Miniature Vertical (Physical orientation).
* **26:** Series identifier (Specific physical dimensions and base specs).
* **V:** Indicates "Voltage Controlled."
* **-R:** Generally stands for **RoHS Compliant**, meaning the part is manufactured without lead or other hazardous substances.
---
### 5. Common Use Cases
1. **Telecommunications:** Synchronizing data streams in SONET/SDH equipment.
2. **Video Equipment:** Used in genlocking systems to sync video frames.
3. **Instrumentation:** Precision clocking for frequency counters and signal generators.
- ⤷
What is the difference between a VCXO and a standard XO?
- ⤷ How do I calculate the 'pullability' needed for a PLL circuit?
- ⤷ Are there modern SMD equivalents for the MV26 series?