MV24T2CG-R
AI

The **MV24T2CG-R** is a specific model identifier typically associated with **LCD/LED Display Panels**, specifically those manufactured by **BOE** (Beijing Oriental Electronics) or used in high-refresh-rate gaming monitors.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. General Specifications
This part is a high-performance display module designed for desktop monitors. Its primary appeal lies in its "Fast IPS" technology and high vertical frequency.
| Parameter | Specification |
| :--- | :--- |
| **Panel Type** | TFT-LCD (Thin Film Transistor Liquid Crystal Display) |
| **Technology** | ADS / IPS (Advanced Super Dimension Switch) |
| **Resolution** | 1920 x 1080 (Full HD) |
| **Screen Size** | 23.8 - 24.0 Inches |
| **Refresh Rate** | 144Hz / 165Hz (Native) |
| **Interface** | LVDS or eDP (Embedded DisplayPort) |
---
### 2. Key Electronic Components
The MV24T2CG-R consists of several integrated electronic subsystems that work together to render images:
#### A. The Timing Controller (T-CON) Board
The T-CON is the "brain" of the panel. It translates the video signal from the monitor's mainboard into specific row and column signals that the pixels understand.
* **Function:** Manages high-speed data synchronization.
* **Voltage:** Typically operates on a 5V or 12V DC input.
#### B. Driver ICs (COF - Chip on Film)
These are small chips mounted on flexible ribbons attached to the edge of the glass.
* **Gate Drivers:** Control the "opening" of rows of pixels.
* **Source Drivers:** Supply the specific voltage levels to create colors/shades.
#### C. Backlight Unit (BLU) - LED Driver
This model utilizes a WLED (White LED) string array for illumination.
* **Electronic Part:** Constant Current LED Driver.
* **Dimming:** Supports PWM (Pulse Width Modulation) for brightness control.
#### D. Power Management IC (PMIC)
Located on the panel's PCB, this chip generates the various voltages needed by the LCD glass:
* **VGH/VGL:** High/Low voltages for switching transistors.
* **AVDD:** Analog voltage for the grayscale levels.
---
### 3. Interface Pinout (Standard eDP 30-pin)
While specific pinouts can vary by revision, these panels generally follow the industry-standard eDP interface:
```markdown
Pin 1: NC (No Connection)
Pin 2: High Speed Ground
Pin 3: Lane 1 Negative (-)
Pin 4: Lane 1 Positive (+)
Pin 5: High Speed Ground
...
Pin 21: LCD Power Supply (3.3V - 5V)
Pin 22: LCD Power Supply
...
Pin 28: Backlight Enable (BL_ON)
Pin 29: Backlight PWM Dimming
Pin 30: Backlight Power (12V)
```
---
### 4. Common Failure Points
Technicians often encounter specific electronic issues with this series:
1. **Tab Bond Failure:** Vertical lines appearing on the screen due to heat damaging the COF (Chip on Film).
2. **Gamma Distortion:** Issues with the PMIC or T-CON causing "washed out" or inverted colors.
3. **Backlight Inverter Failure:** The screen remains dark, but an image can be seen if a flashlight is held against the glass.
- ⤷
What are the compatible T-CON board models for the MV24T2CG-R?
- ⤷ How do I convert a 30-pin eDP signal to HDMI for this panel?
- ⤷ What is the maximum brightness (Nits) rating for this specific BOE panel?