MV14T1CD-R
AI

The **MV14T1CD-R** is a specialized electronic component, typically categorized as a **Voltage Controlled Crystal Oscillator (VCXO)** or a specific frequency control module used in telecommunications and high-speed data transmission systems.
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications
The "MV" series often follows standard industry naming conventions for high-stability oscillators.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) |
| **Frequency Range** | Typically centered around specific telecommunication frequencies (e.g., 155.52 MHz or 622.08 MHz) |
| **Control Voltage** | Usually 0V to 3.3V or 5V |
| **Output Type** | Typically LVPECL or Differential Signal |
| **Package Style** | Surface Mount (SMD) - likely a 6-pad or 14-pad configuration |
| **Operating Temp** | Industrial grade (-40°C to +85°C) |
---
### 2. Key Electronic Functions
The MV14T1CD-R performs three primary functions within a circuit:
1. **Frequency Synthesis:** It generates a high-precision clock signal required for synchronizing digital circuits.
2. **Phase-Locked Loop (PLL) Integration:** Because it is a *voltage-controlled* oscillator, its output frequency can be "steered" or adjusted slightly by an external voltage. This makes it ideal for jitter attenuation and clock recovery.
3. **Low Phase Noise:** These parts are engineered to have extremely low "timing jitter," ensuring that high-speed data bits are sampled at the exact correct moment.
---
### 3. Pin Configuration (Typical)
While exact pinouts depend on the manufacturer (often companies like Connor-Winfield or similar high-precision timing brands), the layout generally follows this structure:
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | V_c | Control Voltage (Adjusts the frequency) |
| **2** | E/D or NC | Enable/Disable or No Connection |
| **3** | GND | Circuit Ground |
| **4** | Output | Main Clock Signal |
| **5** | Comp Output | Complementary Clock Signal (for differential) |
| **6** | Vcc | Supply Voltage |
---
### 4. Application Areas
* **SONET/SDH:** Synchronous optical networking.
* **Ethernet Switches:** High-speed 10GbE/40GbE infrastructure.
* **Base Stations:** Wireless cellular communication backhaul.
* **Test Equipment:** High-precision measurement tools requiring stable time bases.
---
- ⤷
What is the exact center frequency of the MV14T1CD-R?
- ⤷ How does the control voltage affect the ppm (parts per million) shift in this oscillator?
- ⤷ Is this part compatible with LVDS or strictly LVPECL logic?