Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MV13V1AD-R

  • AI
    ### Overview of MV13V1AD-R The **MV13V1AD-R** is an industrial-grade **LCD Controller Board** (often referred to as an AD Board or A/D Board). It is designed to convert analog and digital video signals into a format compatible with LCD panels (typically LVDS). These boards are commonly used in industrial monitors, kiosks, and custom display integrations. --- ### Technical Specifications The table below outlines the core electronic characteristics of the MV13V1AD-R: | Feature | Specification | | :--- | :--- | | **Input Interface** | VGA (Analog RGB), DVI-D | | **Output Interface** | LVDS (Single or Dual Channel) | | **Max Resolution** | 1920 x 1080 (FHD) @ 60Hz | | **Power Input** | 12V DC (Typical) | | **Panel Voltage** | 3.3V / 5.0V / 12V (Jumper Selectable) | | **OSD Control** | 5-Key or 7-Key external keypad support | | **Power Management** | VESA DPMS Standard | --- ### Key Electronic Components The board consists of several critical subsystems: 1. **Main Controller IC (Scaler):** The "brain" of the board that performs the Analog-to-Digital conversion, image scaling, and signal processing for the LVDS output. 2. **EEPROM / Flash Memory:** Stores the firmware (BIOS) specific to the LCD panel timing. The "R" in the model name often refers to a specific firmware revision or RoHS compliance. 3. **Voltage Regulators (LDOs/Buck):** Step down the 12V input to 5V, 3.3V, and 1.8V to power the logic gates and the LCD panel logic. 4. **Inverter/LED Driver Interface:** A dedicated header that provides power and brightness control (PWM or Analog dimming) to the backlight unit (BLU). --- ### Connector Layout | Connector | Function | | :--- | :--- | | **DC Jack / 4-Pin** | Power Input (12V) | | **VGA (DB15)** | Analog Video Input | | **DVI** | Digital Video Input | | **LVDS Header** | Connection to the LCD Panel | | **Backlight Header** | Power/Control for the Inverter or LED Driver | | **Keypad Header** | Connection for Power, Menu, and Adjustment buttons | --- ### Usage Precautions * **Voltage Selection:** Before powering on, ensure the **Panel Voltage Jumper** is set to the correct voltage for your specific LCD screen (e.g., setting it to 12V for a 3.3V panel will cause permanent damage). * **Firmware Matching:** The board must be flashed with firmware that matches the resolution and bit-depth (6-bit vs 8-bit) of the target LCD panel.
    ✨ Follow-up Questions
    • ⤷ What is the specific LVDS pinout for the MV13V1AD-R?
    • ⤷ How do I change the panel voltage on this controller board?
    • ⤷ Is there an HDMI version of this specific AD board available?