AI

The **MT206-R** typically refers to a high-performance **2D Barcode Scan Engine** or a wireless handheld scanner module used in retail, logistics, and healthcare. Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Core Electronic Components
The MT206-R operates as an embedded imaging system. Its internal architecture consists of the following key parts:
| Component | Function |
| :--- | :--- |
| **CMOS Sensor** | The "eye" of the device. Usually a high-speed global or rolling shutter sensor that captures images of barcodes. |
| **Processor (MCU/DSP)** | A dedicated ARM-based microcontroller or Digital Signal Processor that executes the decoding algorithms. |
| **Illumination System** | High-intensity Red LEDs (or White) used to light up the barcode in dark environments. |
| **Aiming System** | A specific LED or Laser diode (usually green or red) that projects a crosshair or dot for user positioning. |
| **Interface Controller** | Manages communication via TTL-232, USB (HID/VCP), or Bluetooth protocols. |
---
### 2. Technical Specifications
Most variants of the MT206-R series share the following electronic characteristics:
* **Input Voltage:** 3.3V DC ± 5% (Standard for embedded modules).
* **Scanning Performance:**
* **Resolution:** Typically 640 x 480 pixels or higher.
* **Scan Angle:** Horizontal ~40°, Vertical ~30°.
* **Decoding Capability:**
* **1D:** EAN, UPC, Code 39, Code 128, etc.
* **2D:** QR Code, Data Matrix, PDF417, Aztec.
* **Power Consumption:**
* **Operating:** ~150mA - 200mA.
* **Standby:** < 20mA.
---
### 3. Connection Pinout (Typical)
If the MT206-R is used as an OEM module, it usually connects via a **12-pin FFC (Flat Flexible Cable)** connector.
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| 1 | **NC** | Not Connected |
| 2 | **VCC** | 3.3V Power Supply |
| 3 | **GND** | Ground |
| 4 | **RX** | TTL Serial Receive |
| 5 | **TX** | TTL Serial Transmit |
| 6 | **USB_D-** | USB Data Minus |
| 7 | **USB_D+** | USB Data Plus |
| 8-12 | **IO/Trig** | External Trigger / Beeper / LED Control |
---
### 4. Hardware Features
* **Adaptive Sensitivity:** The electronic shutter adjusts automatically based on the ambient light and the reflectivity of the surface (e.g., scanning from a smartphone screen vs. paper).
* **Firmware Storage:** On-board Flash memory stores configuration settings (e.g., prefix/suffix, baud rate) which can be programmed via "Setting Barcodes."
- ⤷What is the difference between the MT206-R and the MT200 series?
- ⤷ How do I interface the MT206-R with an Arduino or Raspberry Pi?
- ⤷ Does the MT206-R support OCR (Optical Character Recognition)?