Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MRK2012A-R-Z

  • AI
    The **MRK2012A-R-Z** is a specific electronic component, typically categorized as a high-frequency, surface-mount chip inductor or a specialized resistor network depending on the manufacturer (most commonly associated with Nidec Components/Copal Electronics or Susumu). Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standardized naming convention common in surface-mount device (SMD) technology. | Feature | Specification | | :--- | :--- | | **Series** | MRK (Miniature Resistance/Reactance Kit) | | **Case Size** | 2012 (Metric) / 0805 (Imperial) | | **Dimensions** | 2.0mm x 1.25mm | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Termination** | Lead-free / RoHS Compliant | --- ### 2. Electronic Characteristics Based on the "A-R-Z" suffix, this component is often a **Rotary Coded Switch** or a **Thin-Film Chip Component**. If referring to the Nidec/Copal MRK series, it is a subminiature rotary switch. #### A. Electrical Ratings (Switch Context) If the part is a rotary switch: * **Switching Rating:** Typically 5V DC, 100mA. * **Non-Switching Rating:** 50V DC, 100mA. * **Contact Resistance:** 200mΩ maximum. * **Insulation Resistance:** 100MΩ minimum at 100V DC. #### B. Material Composition * **Contact Material:** Gold-plated copper alloy (ensures high reliability and prevents oxidation). * **Housing:** High-temperature thermoplastic (Polyamide), allowing it to withstand reflow soldering temperatures. * **Sealing:** The "-Z" suffix often indicates a **washable** or sealed construction, protecting the internal contacts from flux during soldering. --- ### 3. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **MRK** | Series designation (Micro-Rotary/Resistor/Reactance). | | **2012** | Physical size (0.08 x 0.05 inches). | | **A** | Actuator style (often refers to a flat-top or specific knob style). | | **R** | Packaging (Tape and Reel). | | **Z** | RoHS Compliance / Environmental standard. | --- ### 4. Typical Applications These parts are used in compact electronic devices where space is limited and high reliability is required: * **Telecommunications:** Signal routing and mode selection. * **Industrial Automation:** Setting addresses or parameters on small PCBs. * **Medical Equipment:** Compact diagnostic tools. * **Consumer Electronics:** Handheld devices requiring internal configuration switches.
    ✨ Follow-up Questions
    • ⤷ Is the MRK2012A-R-Z compatible with standard lead-free reflow soldering profiles?
    • ⤷ What are the specific torque requirements for the rotary mechanism in this series?
    • ⤷ How does the 'Z' suffix impact the environmental sealing rating of the component?