MPV3J60B1PJ-R
AI

The part number **MPV3J60B1PJ-R** refers to a high-performance, high-voltage Power MOSFET, typically utilizing **Silicon Carbide (SiC)** technology. These components are designed for high-efficiency power conversion in demanding industrial and automotive environments.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this class of component:
| Feature | Description |
| :--- | :--- |
| **Component Type** | SiC (Silicon Carbide) Power MOSFET |
| **Drain-Source Voltage ($V_{DSS}$)** | 650V - 1200V (Model specific range) |
| **Continuous Drain Current ($I_D$)** | High amperage (approx. 30A - 60A depending on cooling) |
| **RDS(on)** | Low On-Resistance (typically < 60 mΩ) |
| **Package Type** | TO-247 or similar high-power discrete package |
| **Operating Temperature** | up to +175°C |
---
### 2. Key Features
* **High Efficiency:** Due to the SiC material, this part has significantly lower switching losses compared to traditional Silicon MOSFETs or IGBTs.
* **Thermal Conductivity:** Silicon Carbide provides superior heat dissipation, allowing for smaller heatsinks and higher power density.
* **Fast Switching:** Capable of operating at higher frequencies, which allows for the use of smaller inductors and capacitors in the circuit design.
* **Low Gate Charge:** Reduces the requirements for the gate driver circuit.
---
### 3. Application Areas
These parts are engineered for systems where energy efficiency and compact size are critical:
1. **Electric Vehicles (EV):** Used in On-Board Chargers (OBC) and DC/DC converters.
2. **Renewable Energy:** Solar inverters and energy storage systems (ESS).
3. **Industrial Power Supplies:** High-efficiency Switch Mode Power Supplies (SMPS) and Uninterruptible Power Supplies (UPS).
4. **Motor Drives:** High-frequency motor control for industrial automation.
---
### 4. Part Number Decoder (Typical)
While manufacturers have unique codes, the suffix `-R` usually indicates **Tape and Reel** packaging for automated assembly. The "MPV" prefix often identifies the manufacturer's specific SiC product line.
---
- ⤷What is the exact RDS(on) value for this specific model?
- ⤷ Which gate driver is recommended for this SiC MOSFET?
- ⤷ How does this part compare to a standard Silicon IGBT in terms of switching loss?