MPV380Z8QJ-R
AI

The **MPV380Z8QJ-R** is a specific part number belonging to the **MPV** series of High-Efficiency Power Modules manufactured by Monolithic Power Systems (MPS). These are typically high-density, multi-rail power management solutions designed for space-constrained applications.
---
### 1. Key Technical Specifications
Based on the MPS nomenclature for this series, here are the primary electronic characteristics:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | DC-DC Step-Down (Buck) Power Module |
| **Input Voltage Range** | Typically 4V to 16V (standard for the series) |
| **Output Current** | High-current capability (often 10A - 30A depending on configuration) |
| **Package Type** | QFN (Quad Flat No-Lead) or BGA with integrated inductor |
| **Control Logic** | Pulse Width Modulation (PWM) with high-speed transient response |
| **Efficiency** | Up to 95% at peak loads |
---
### 2. Core Electronic Components (Internal)
The "MPV" series is known as a **Power Module**, meaning it integrates several discrete components into a single IC package:
1. **Switching Controller:** The "brain" that regulates the duty cycle to maintain a steady output voltage.
2. **Power MOSFETs:** High-side and Low-side transistors integrated into the silicon to reduce parasitic inductance.
3. **Power Inductor:** Unlike standard DC-DC converters, this module contains the **inductor inside the package**, saving significant PCB real estate.
4. **Feedback Network:** Precision resistors and compensation circuits for stability.
---
### 3. Application Areas
These parts are designed for high-performance computing environments where board space is at a premium:
* **FPGA & DSP Powering:** Providing clean, high-current rails for Xilinx or Intel FPGAs.
* **Networking Equipment:** Used in routers and switches for core power.
* **Storage Systems:** High-density SSD controllers and RAID arrays.
* **Industrial Automation:** Point-of-Load (PoL) regulation for embedded systems.
---
### 4. Part Number Breakdown (Prefix/Suffix)
* **MPV:** Monolithic Power Vertical/Module series.
* **380:** Specific architecture identifier (often relating to internal voltage/current rating).
* **Z:** Usually denotes a lead-free (RoHS) Green package.
* **QJ:** Specific package sub-type (QFN/BGA variant).
* **-R:** Indicates "Tape and Reel" packaging for automated SMT assembly.
- ⤷
What are the specific input/output voltage limits for the MPV380 series?
- ⤷ Can this module be used in parallel for higher current requirements?
- ⤷ What is the recommended thermal management strategy for this QFN package?