MP2A-470-R
AI

The **MP2A-470-R** is a high-performance, shielded power inductor part of the **MP2A series** manufactured by Eaton (formerly Bussmann/Coiltronics). These components are designed specifically for high-density power conversion applications.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the MP2A-470-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 47.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.235 Ω (Typical) |
| **Rated Current (Irms)** | 1.14 Amps |
| **Saturation Current (Isat)** | 1.48 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | Surface Mount (SMD) |
| **Shielding** | Magnetically Shielded |
---
## 2. Key Features
* **Magnetically Shielded:** The core structure minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits near CPUs or wireless modules.
* **High Power Density:** Designed to handle significant current levels relative to its small physical footprint.
* **Robust Construction:** The MP2A series uses high-temperature materials capable of withstanding lead-free reflow soldering processes.
* **Low Core Loss:** Optimized for high-frequency switching power supplies.
---
## 3. Common Applications
The MP2A-470-R is typically found in the following electronic environments:
1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or SEPIC converters.
2. **Portable Electronics:** Ideal for tablets, smartphones, and handheld medical devices due to its low profile.
3. **Computing:** Voltage Regulator Modules (VRMs) for laptops and servers.
4. **LED Lighting:** Used in driver circuits to maintain steady current flow.
---
## 4. Part Number Breakdown
The nomenclature for this part follows a specific logic:
* **MP2A:** Series name (Multi-Phase/Power Inductor, Size 2A).
* **470:** Inductance value in microhenries (µH). The first two digits are significant figures, and the third is the multiplier ($47 \times 10^0$).
* **-R:** Indicates compliance with RoHS (Restriction of Hazardous Substances) standards.
---
- ⤷What are the physical dimensions of the MP2A-470-R package?
- ⤷ Can this inductor be used in automotive AEC-Q200 applications?
- ⤷ What is the peak frequency range for the MP2A series?