MP2A-330-R
AI

The **MP2A-330-R** is a high-performance, shielded power inductor part of the **MP2A series** manufactured by Eaton (formerly Cooper Bussmann). It is specifically designed for high-density power conversion applications.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the MP2A-330-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 33.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 1.14 Amps |
| **Saturation Current (Isat)** | 1.35 Amps |
| **DC Resistance (DCR)** | 0.278 Ohms (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | SMD (Surface Mount Device) |
| **Shielding** | Magnetically Shielded |
---
## 2. Key Features
The MP2A-330-R is engineered with specific material properties to enhance efficiency in electronic circuits:
* **Magnetic Shielding:** The component is shielded to minimize Electromagnetic Interference (EMI), making it suitable for noise-sensitive environments.
* **High Power Density:** Despite its small footprint, it handles significant current with low core losses.
* **Ferrite Core Material:** Utilizes a ferrite core which provides high efficiency and stable performance across a wide frequency range.
* **Rugged Construction:** Designed to withstand high reflow temperatures during the soldering process.
---
## 3. Common Applications
This inductor is typically used in power management circuits where space is limited:
1. **DC-DC Converters:** Buck, boost, and forward converters.
2. **Portable Electronics:** Tablets, smartphones, and handheld medical devices.
3. **Computer Peripherals:** Graphics cards, servers, and storage systems.
4. **LED Lighting:** Drivers for high-brightness LEDs.
---
## 4. Footprint and Dimensions
The "MP2A" designation refers to the physical size. Below is a general representation of the physical profile:
| Dimension | Measurement (Approx.) |
| :--- | :--- |
| **Length** | 6.0 mm |
| **Width** | 6.0 mm |
| **Height** | 2.0 mm |
---
- ⤷
How does the saturation current (Isat) affect the performance of this inductor in a circuit?
- ⤷ What are the recommended footprint dimensions for PCB layout for the MP2A series?
- ⤷ Are there automotive-grade (AEC-Q200) equivalents for the MP2A-330-R?