MP2A-220-R
AI

The **MP2A-220-R** is a high-performance, shielded power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the **MPI (Miniature Power Inductor)** series, known for its high current handling and compact footprint.
---
### 1. Technical Specifications
Below are the primary electrical characteristics for the MP2A-220-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 22.0 µH |
| **Tolerance** | ±20% |
| **DCR (Direct Current Resistance)** | 275 mΩ (Typical) |
| **Isat (Saturation Current)** | 1.8 A |
| **Irms (Rated Current)** | 1.4 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package/Case** | 4.0mm x 4.0mm x 2.1mm |
---
### 2. Key Features
The MP2A series is designed for modern electronics that require high efficiency in a small space:
* **Shielded Construction:** The inductor is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical for noise-sensitive circuits.
* **Rugged Design:** It features a molded construction that provides high mechanical strength and stability under vibration.
* **Soft Saturation:** The core material allows for a "soft" saturation curve, meaning the inductance drops gradually rather than abruptly as current increases beyond the rated limit.
* **Halogen-Free & RoHS Compliant:** Environmentally friendly construction.
---
### 3. Applications
The MP2A-220-R is typically used in power management stages for portable and industrial electronics:
1. **DC-DC Converters:** Buck, Boost, and SEPIC converters.
2. **Handheld Devices:** Smartphones, tablets, and portable medical equipment.
3. **Computing:** Laptops, servers, and solid-state drives (SSDs).
4. **IoT Devices:** Low-power wireless sensors requiring efficient voltage regulation.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting variants:
| Component | Meaning |
| :--- | :--- |
| **MP2A** | Series Identifier (Automotive grade/High power density) |
| **220** | Inductance Code (22 followed by 0 zeros = 22 µH) |
| **-R** | RoHS Compliant |
- ⤷What is the difference between Isat and Irms in this inductor?
- ⤷ Are there smaller footprint alternatives to the MP2A series?
- ⤷ How does the temperature affect the inductance of the MP2A-220-R?