MP1610-AB-RX
AI

The **MP1610-AB-RX** is an electronic component primarily associated with **RF (Radio Frequency) communication modules**, specifically those operating in the sub-GHz range. These modules are often used in remote control systems, security alarms, and wireless data transmission.
---
### 1. Key Technical Specifications
While specific datasheets can vary by manufacturer (often associated with brands like *Microprop* or specialized RF solution providers), the "AB-RX" suffix typically denotes an **Amplitute Shift Keying (ASK) Receiver**.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Operating Frequency** | 315 MHz or 433.92 MHz (Region dependent) |
| **Modulation Type** | ASK / OOK (On-Off Keying) |
| **Operating Voltage** | 3.3V to 5.5V DC |
| **Sensitivity** | -105 dBm to -110 dBm |
| **Data Rate** | Up to 10 Kbps |
| **Interface** | Digital Data Output (TTL Level) |
---
### 2. Functional Blocks
The internal circuitry of the MP1610-AB-RX generally consists of the following stages:
1. **LNA (Low Noise Amplifier):** Amplifies the weak radio signal received from the antenna.
2. **Mixer & Local Oscillator:** Converts the high-frequency RF signal down to an Intermediate Frequency (IF).
3. **Data Slicer:** Converts the analog demodulated signal into a clean square-wave digital signal (1s and 0s) for a microcontroller.
4. **Automatic Gain Control (AGC):** Adjusts the gain to maintain signal stability despite varying distances between the transmitter and receiver.
---
### 3. Pinout Configuration (Standard 4-Pin)
Most modules in this series utilize a standard 4-pin SIP (Single In-line Package) layout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | Positive Supply Voltage |
| 2 | **DATA** | Digital Output Signal (To MCU) |
| 3 | **DATA** | Duplicate Data Pin (or NC in some versions) |
| 4 | **GND** | Ground |
| *Pad* | **ANT** | Antenna Connection (usually a 17cm wire for 433MHz) |
---
### 4. Application Integration Example
To use this part, you would typically interface it with an Arduino or an ESP32.
```cpp
// Basic Arduino Snippet to read Receiver Data
const int rxPin = 2; // Data pin connected to Digital 2
void setup() {
pinMode(rxPin, INPUT);
Serial.begin(9600);
}
void loop() {
int sensorValue = digitalRead(rxPin);
// Process the binary pulses from the MP1610
if(sensorValue == HIGH) {
// Logic for received signal
}
}
```
---
### 5. Common Use Cases
* **Garage Door Openers:** Receiving the signal from a handheld remote.
* **Wireless Doorbell:** Triggering a chime when the button is pressed.
* **IoT Sensors:** Collecting data from simple battery-powered temperature sensors.
* **Smart Home:** Interfacing with legacy 433MHz smart plugs.
- ⤷
How does the MP1610-AB-RX compare to Superheterodyne receivers?
- ⤷ What length of antenna is recommended for the 433MHz version of this module?
- ⤷ Can this module be used for bidirectional communication?