Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MO2700AGKGOFL-PF

  • AI
    The part number **MO2700AGKGOFL-PF** refers to a high-specification Industrial/Medical grade **TFT Liquid Crystal Display (LCD)** module, typically manufactured by companies like Mitsubishi or specialized industrial display providers. Below is a breakdown of the electronic specifications and part characteristics. --- ### 1. General Specifications This module is designed for applications requiring high reliability, such as medical imaging or industrial control interfaces. | Feature | Specification | | :--- | :--- | | **Panel Size** | 27.0-inch Diagonal | | **Resolution** | 1920 x 1080 (Full HD) | | **Backlight Type** | LED (Long life) | | **Interface** | LVDS (Low Voltage Differential Signaling) | | **Surface Treatment** | Anti-Glare (AG) with Hard Coating | | **RoHS Compliance** | Yes (PF suffix usually denotes Lead-Free) | --- ### 2. Key Electronic Components & Features The "AGKGOFL" suffix provides specific details regarding the optical and electrical configuration: * **LVDS Interface:** Uses a standard 2-port LVDS interface for high-speed data transmission with low EMI (Electromagnetic Interference). * **LED Driver:** Contains an integrated or external constant-current circuit to drive the LED backlight strings, ensuring uniform brightness across the 27" area. * **A-Si TFT-LCD:** Utilizes Amorphous Silicon Thin Film Transistor technology for active matrix addressing. * **Wide Viewing Angle:** Often utilizes IPS (In-Plane Switching) or VA (Vertical Alignment) technology to maintain color accuracy from various angles. --- ### 3. Pinout and Connectivity (Typical) While the exact datasheet pinout is proprietary to the manufacturer, these industrial modules generally follow this structure: | Pin Group | Function | Description | | :--- | :--- | :--- | | **Power (VCC)** | 5V or 12V DC | Logic power supply for the T-CON board. | | **LVDS Data** | RxIN0± to RxIN3± | Differential pairs for RGB data and clock. | | **Backlight Power** | 12V / 24V | Power for the LED strings. | | **Dimming Control** | PWM or Analog | Controls the brightness of the screen. | --- ### 4. Part Number Decoder (Typical Industrial) | Prefix/Suffix | Meaning | | :--- | :--- | | **MO** | Model series (Industrial Monitor/Module) | | **2700** | 27.0-inch screen size | | **AG** | Anti-Glare coating | | **PF** | Pb-Free (Lead-Free / Green) | --- ### 5. Application Areas Due to the "AGK" (Advanced/Medical Grade) designation, this part is commonly found in: 1. **Medical Diagnostics:** High-resolution monitors for X-rays or ultrasounds. 2. **HMI Panels:** Industrial human-machine interfaces in factories. 3. **Digital Signage:** 24/7 outdoor/indoor information kiosks.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage required for the LED backlight driver?
    • ⤷ Can this module be used with a standard HDMI to LVDS controller board?
    • ⤷ What is the typical brightness level (nits) for this specific AGK model?