Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MMZ2012Y300B

  • AI
    ## Overview of MMZ2012Y300B The **MMZ2012Y300B** is a high-performance **Chip Bead** (also known as a Ferrite Bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits, specifically for signal line EMI (Electromagnetic Interference) filtering. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Ferrite Chip Bead | | **Impedance (at 100 MHz)** | 30 $\Omega$ | | **Impedance Tolerance** | ±25% | | **DC Resistance (Max)** | 0.05 $\Omega$ | | **Rated Current (Max)** | 800 mA | | **Operating Temperature** | -55°C to +125°C | | **Package Size (EIA)** | 0805 | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | --- ### Key Features and Material Characteristics The "Y" in the part number denotes the material type. TDK uses different ferrite materials to target specific frequency ranges: 1. **Broadband Suppression:** The Y-material is categorized as a general-purpose material with standard characteristics, effective across a wide range of frequencies. 2. **Low DC Resistance:** With a maximum resistance of only 0.05 $\Omega$, this part ensures minimal voltage drop across the component, making it efficient for power delivery lines or sensitive signal lines. 3. **Multilayer Construction:** The component is built using a multilayer process, which integrates the ferrite material and internal electrodes into a monolithic structure for high reliability. --- ### Application Use Cases This component is typically used in the following scenarios: * **Signal Lines:** Suppressing noise in data lines for computers, peripherals, and consumer electronics. * **Power Supply Decoupling:** Removing high-frequency ripples from power lines before they reach sensitive ICs. * **EMI Reduction:** Helping devices meet regulatory standards (like FCC or CE) by reducing radiated emissions. --- ### Comparison: 2012 Metric vs. 0805 Imperial The part number `2012` refers to its dimensions in millimeters. | Dimension | Millimeters (mm) | Inches (in) | | :--- | :--- | :--- | | **Length** | 2.00 ± 0.20 | 0.079 | | **Width** | 1.25 ± 0.20 | 0.049 | | **Thickness** | 0.85 ± 0.20 | 0.033 | --- ### Internal Structure Example ```text [Termination] --- [Ferrite Material] --- [Termination] | (Internal Coil Layer) ``` *The internal silver (Ag) layers create a resistive effect at high frequencies, converting noise energy into heat.*
    ✨ Follow-up Questions
    • ⤷ How does the impedance of the MMZ2012Y300B change as frequency increases beyond 100 MHz?
    • ⤷ What are the primary differences between the 'Y' material and the 'S' material in TDK chip beads?
    • ⤷ Can this ferrite bead be used for high-speed differential pairs like USB 3.0?