Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MLS-BC-R/E

  • AI
    The **MLS-BC-R/E** is a high-precision magnetic guide sensor typically used in Automated Guided Vehicles (AGVs) and mobile robotics. It is designed to detect the magnetic flux of a magnetic tape on the floor to provide guidance signals. --- ### 1. Core Electronic Components and Architecture The sensor operates by converting magnetic fields into electrical signals through several internal stages: | Component Type | Function | | :--- | :--- | | **Magnetic Sensing Array** | A row of Hall-effect elements or Magneto-resistive sensors that detect the position of the magnetic tape. | | **Signal Processing MCU** | An internal Microcontroller Unit (MCU) that calculates the center position of the tape relative to the sensor. | | **Interface Controller** | Manages communication protocols (usually RS-232, CAN, or Digital I/O). | | **Voltage Regulator** | Protects internal logic from industrial power fluctuations (typically supports 10-30V DC). | --- ### 2. Technical Specifications The electronics are housed in a ruggedized casing to withstand industrial environments. Below are the key electronic parameters: | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 10V to 30V DC | | **Current Consumption** | Approx. 30mA - 60mA | | **Output Type** | Usually RS-232 or NPN/PNP (Depending on specific sub-model) | | **Detection Height** | 10mm to 40mm (optimal range) | | **Response Time** | < 10ms | --- ### 3. Wiring and Pinout (General) The MLS series typically uses a multi-core cable or an M12 connector. The electronic wiring follows standard industrial color coding: * **Brown:** +VCC (Power Supply 12/24V) * **Blue:** GND (0V) * **Black/White/Others:** Signal Data (TX/RX for RS-232 or Bit signals for Digital) --- ### 4. Detection Logic The electronic parts work together to perform **Deviation Detection**: 1. **Induction:** The magnetic tape creates a magnetic flux. 2. **Conversion:** The internal sensors generate an analog voltage based on flux intensity. 3. **Calculation:** The MCU uses an algorithm to determine the "peak" intensity, which represents the tape's center. 4. **Output:** The sensor sends a numerical value (e.g., -50 to +50) to the AGV's main controller to adjust the steering motors.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the MLS-BC-R/E?
    • ⤷ How do you calibrate the sensor for different magnetic tape strengths?
    • ⤷ What is the difference between the 'R' and 'E' designations in this model number?