MHO365TCG-R
AI

The **MHO365TCG-R** is a high-performance **Oven Controlled Crystal Oscillator (OCXO)** manufactured by MtronPTI. These components are critical in telecommunications and instrumentation where extreme frequency stability is required regardless of temperature fluctuations.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the MHO365TCG-R series:
| Parameter | Specification |
| :--- | :--- |
| **Output Frequency** | Custom (Commonly 10.000 MHz to 20.000 MHz) |
| **Supply Voltage (Vcc)** | +5.0 VDC (Standard) |
| **Output Waveform** | HCMOS/TTL |
| **Frequency Stability** | ±0.05 ppm to ±0.2 ppm (Over Temp Range) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | Thru-hole (DIP) - 14-pin equivalent footprint |
| **RoHS Compliance** | Yes (Lead-Free) |
---
### 2. Functional Components
The "MHO" series integrates several internal subsystems to achieve its precision:
1. **Crystal Resonator:** Usually an **SC-cut (Stress Compensated)** crystal, which offers superior thermal stability and aging characteristics compared to standard AT-cut crystals.
2. **Oven Control Circuit:** A heating element and thermal sensor that maintain the crystal at a constant "turning point" temperature (usually around 75°C to 85°C). This isolates the crystal from ambient temperature changes.
3. **Buffer Amplifier:** Ensures the output signal is strong enough to drive downstream digital components without affecting the oscillator's stability (loading effect).
4. **Voltage Regulator:** Internal regulation to minimize frequency "pushing" caused by fluctuations in the input supply voltage.
---
### 3. Pin Configuration (Typical)
While specific custom variants may exist, the standard pinout for this package style is:
* **Pin 1:** Control Voltage (Vc) / Electronic Frequency Tuning (EFT).
* **Pin 7:** Case Ground (GND).
* **Pin 8:** RF Output (HCMOS).
* **Pin 14:** Supply Voltage (Vcc).
---
### 4. Applications
Due to its high stability, the MHO365TCG-R is commonly found in:
* **Base Stations:** Synchronization for 4G/5G cellular infrastructure.
* **Test & Measurement:** Reference clocks for frequency counters and spectrum analyzers.
* **Satellite Communications:** Earth station timing systems.
* **GPS/GNSS Receivers:** High-accuracy positioning equipment.
- ⤷
What is the difference between an OCXO and a standard TCXO?
- ⤷ How long does the 'warm-up time' typically take for this model?
- ⤷ Can this part be used in surface-mount (SMD) applications?