Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MHO322TCD-R

  • AI
    The **MHO322TCD-R** belongs to a specific category of high-precision electronic oscillators, typically utilized in telecommunications and high-speed data networking. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The MHO322TCD-R is a **TCXO (Temperature Compensated Crystal Oscillator)**. Unlike standard oscillators, it contains internal circuitry that compensates for frequency shifts caused by temperature variations, ensuring high stability. ### Key Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Package Type** | Surface Mount Device (SMD) | | **Output Type** | CMOS / TTL Compatible | | **Operating Voltage** | Usually 3.3V or 5.0V (Standard for the MHO series) | | **Stability** | ±1.0ppm to ±2.5ppm (depending on grade) | | **Termination** | RoHS Compliant (Lead-free) | --- ## 2. Pin Configuration and Internal Logic The device typically features 4 or 6 active pads. In a standard 4-pad configuration: 1. **Pad 1 (NC or Vcon):** No connection or Voltage Control (if it's a VCTCXO variant). 2. **Pad 2 (GND):** Connected to the system ground. 3. **Pad 3 (Output):** Delivers the clock signal to the CPU/FPGA. 4. **Pad 4 (Vcc):** DC Power Supply input. --- ## 3. Core Electronic Features * **Temperature Compensation:** It utilizes a thermistor network to adjust the load capacitance of the crystal, keeping the frequency steady across a wide thermal range (-40°C to +85°C). * **Low Phase Noise:** Engineered to minimize jitter, which is critical for timing in synchronous Ethernet or wireless base stations. * **Compact Footprint:** The "322" in the part number often refers to the package size (e.g., 3.2mm x 2.5mm), making it suitable for high-density PCB layouts. --- ## 4. Typical Applications * **Networking Hardware:** Routers, switches, and optical transceivers. * **Wireless Communication:** GPS receivers and LTE/5G small cells. * **Measurement Equipment:** High-precision handheld testing devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the MHO322TCD-R series?
    • ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
    • ⤷ Can this component be used in automotive-grade environments?