AI

The **MHO312TCG-R** is a specific surface-mount electronic component, typically categorized as a **Resettable PTC (Positive Temperature Coefficient) Fuse**, often referred to as a PolySwitch or Polyfuse. These devices are used for overcurrent protection in electronic circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number usually corresponds to a 1206 surface-mount package (the "312" often relates to the size and current rating in specific manufacturer series).
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Component Type** | Resettable Fuse (PTC) | Thermal Thermistor |
| **Package Size** | SMD 1206 | 3.2mm x 1.6mm |
| **Hold Current ($I_{hold}$)** | Continuous operating current | 0.12A - 1.10A (Variable by sub-series) |
| **Max Voltage ($V_{max}$)** | Maximum rated voltage | 6V - 30V |
| **Trip Current ($I_{trip}$)** | Current at which it disconnects | $2 \times I_{hold}$ (Approx) |
| **Material** | Polymer | Carbon-filled polymer |
### 2. Operational Mechanism
The MHO312TCG-R operates based on thermal expansion:
1. **Normal State:** Under normal current levels, the conductive particles within the polymer form a low-resistance path, allowing electricity to flow.
2. **Tripped State:** When an overcurrent or short circuit occurs, the temperature of the fuse rises. The polymer expands, breaking the conductive chains. The resistance increases dramatically (to kilo-ohms), effectively cutting off the current.
3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer contracts, and the conductive paths are restored.
### 3. Part Number Decoding (Typical)
While naming conventions vary by manufacturer (like Polytronics or Littelfuse), the suffix letters often indicate:
* **TC:** Temperature Compensation or specific Tolerance Class.
* **G:** Green (Lead-free / RoHS compliant).
* **R:** Tape and Reel packaging.
### 4. Common Applications
These components are found in low-voltage DC circuits where a permanent fuse blow would be inconvenient for the end-user:
* **USB Ports:** Protection against shorted peripherals.
* **Battery Packs:** Protecting cells from discharge spikes.
* **Motherboards:** Protecting I/O ports (HDMI, Ethernet).
* **Automotive Electronics:** Protection for small sensors and modules.
---
### 5. Implementation Example
In a standard circuit, the PTC is placed in series with the load.
```c
[Power Source (+)] ---- [ MHO312TCG-R ] ---- [ Load ] ---- [ GND ]
```
- ⤷
What is the exact Hold Current rating for the MHO312TCG-R?
- ⤷ How does ambient temperature affect the trip time of this PTC fuse?
- ⤷ What are the primary differences between a PTC resettable fuse and a standard one-time fuse?