AI

The **MHO+78FFD-R** refers to a high-power electromagnetic power relay, typically manufactured by companies like **Songle** or **Massuse**. This specific model is widely used in automotive electronics, industrial automation, and household appliances due to its high switching capacity.
---
### 1. Key Technical Specifications
The "78FFD" series is a sub-miniature power relay designed for heavy-duty applications.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Contact Arrangement** | 1 Form A (SPST-NO) or 1 Form C (SPDT) |
| **Max Switching Current** | 30A to 40A |
| **Max Switching Voltage** | 250VAC / 30VDC |
| **Coil Voltage (DC)** | 5V, 9V, 12V, or 24V |
| **Contact Material** | Silver Alloy (AgSnO2 or AgCdO) |
| **Operating Temperature** | -40°C to +105°C |
---
### 2. Physical Characteristics & Construction
The component is housed in a sealed plastic casing (often blue or black) to protect against dust and moisture.
- **Pins:** Usually features 4 or 5 pins depending on the contact configuration (Form A vs Form C).
- **Size:** Sub-miniature footprint (approx. 32mm x 27mm x 20mm), making it suitable for PCB mounting.
- **-R Suffix:** Often indicates a specific **RoHS compliance** rating or a specific resistor/diode internal protection for the coil.
---
### 3. Pinout Diagram Logic
While you should always consult the specific datasheet for your unit, the standard layout for a 5-pin SPDT version is:
```text
[Top View]
+-------------+
| (1) (2) | <-- Coil Pins
| |
| (3) (4) | <-- Common & NO (Normally Open)
| (5) | <-- NC (Normally Closed)
+-------------+
```
---
### 4. Common Applications
Due to its high amperage rating (up to 40A), it is commonly found in:
1. **Automotive:** Power windows, central locking, and radiator fans.
2. **Appliances:** Air conditioners, heaters, and washing machines.
3. **Industrial:** Motor control and power supply switching.
- ⤷
What is the difference between the 1 Form A and 1 Form C contact versions?
- ⤷ How do I choose the correct coil voltage for my circuit?
- ⤷ Does this relay require a flyback diode for circuit protection?