MHO+78FAD-R
AI

The **MHO+78FAD-R** is a high-performance **Crystal Oscillator** manufactured by MtronPTI. This specific component belongs to the MHO+ series, which is known for its reliability in industrial and communication applications.
---
### 1. Component Overview
This part is a **Fixed Frequency Crystal Oscillator**. It provides a stable clock signal for digital circuits, ensuring precise timing for microprocessors and data transmission.
### 2. Technical Specifications
The "78FAD-R" suffix identifies specific electrical and mechanical characteristics.
| Parameter | Specification Details |
| :--- | :--- |
| **Package Type** | 14-pin DIP (Dual In-line Package) - Full size |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | Typically 5.0V (Standard for 78 series) |
| **Frequency Stability** | Usually ±100ppm or ±50ppm (depending on the full dash code) |
| **Temperature Range** | Industrial Grade (-40°C to +85°C) or Commercial (0°C to +70°C) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 3. Pin Configuration
Since this is a standard 14-pin DIP package (though it often only utilizes 4 pins), the typical layout is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock frequency signal |
| **14** | Vcc | Positive Power Supply (+5V) |
---
### 4. Key Features
* **Hermetically Sealed:** The metal casing is vacuum-sealed or filled with inert gas to protect the quartz crystal from moisture and oxidation.
* **Low Jitter:** Designed to provide a clean square wave with minimal timing deviations.
* **High Compatibility:** The CMOS/TTL output allows it to interface directly with most legacy and modern logic gates without additional buffering.
### 5. Common Applications
1. **Telecommunications:** Base stations and switching equipment.
2. **Industrial Control:** PLCs and automated timing systems.
3. **Computing:** Motherboards and peripheral timing.
4. **Test & Measurement:** Oscilloscopes and signal generators.
---
- ⤷What is the specific operating frequency of the MHO+78FAD-R?
- ⤷ How does the 'Tri-state' function work on Pin 1 of this oscillator?
- ⤷ What are the footprint differences between the MHO+ and the smaller MSO series?