MHO+75TCD-R
AI

The **MHO+75TCD-R** is a specific model of high-frequency crystal oscillator (specifically a Temperature Compensated Crystal Oscillator or TCCO/VC-TCXO derivative) often manufactured by companies like **MtronPTI**.
These components are critical in telecommunications and radio frequency applications where precise timing and frequency stability are required.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Feature | Specification | Description |
|:---|:---|:---|
| **Frequency Range** | Typically 1.0 MHz to 160 MHz | Depends on specific calibration. |
| **Output Type** | CMOS / HCMOS | Provides a square wave digital output. |
| **Supply Voltage** | +5.0V or +3.3V DC | Standard logic level power supply. |
| **Stability** | ±1.0ppm to ±5.0ppm | High precision over temperature ranges. |
| **Package Style** | 14-pin DIP (Half-size or Full) | Through-hole mounting (metal can). |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature rating. |
---
### 2. Internal Electronic Components
The device is not just a raw crystal; it is an integrated module containing:
1. **Quartz Crystal Resonator:** The primary heart of the component, precision-cut to vibrate at a specific frequency.
2. **Compensation Network:** Thermistors and capacitors that adjust the load capacitance to counteract frequency "drift" caused by temperature changes.
3. **Oscillator IC:** An active circuit (transistor-based) that maintains the oscillation and converts it into a usable square wave (CMOS).
4. **Voltage Regulator (Internal):** Many high-end models include internal regulation to prevent "jitter" caused by noisy power supplies.
---
### 3. Pin Configuration (Typical 14-Pin DIP)
While the metal can has 14 pins, usually only 4 are electrically connected:
| Pin Number | Function | Description |
|:---:|:---|:---|
| **1** | N/C or Control Voltage | Used for fine-tuning frequency (if VC-TCXO). |
| **7** | Case Ground | Connects to the system ground and provides shielding. |
| **8** | Output | The generated clock signal (square wave). |
| **14** | Vcc | Positive power supply input. |
---
### 4. Typical Applications
* **Networking Hardware:** Switches and routers requiring stable clocking for data synchronization.
* **Radio Transceivers:** Used to maintain stable carrier frequencies in RF communication.
* **Test & Measurement:** Oscilloscopes and frequency counters.
* **Legacy Computing:** Industrial motherboards that utilize through-hole components for durability.
- ⤷
What is the difference between a TCXO and a standard Crystal Oscillator?
- ⤷ How do I interpret the 'R' suffix in the MHO series part numbers?
- ⤷ Can this component be replaced with a Surface Mount (SMD) equivalent?