MHO+74TCD-R
AI

The **MHO+74TCD-R** belongs to a specific category of high-precision electronic components, typically classified as an **Oven Controlled Crystal Oscillator (OCXO)** or a high-stability **Clock Oscillator**, often manufactured by companies like MtronPTI.
---
### 1. Technical Specifications
This component is designed for applications requiring extreme frequency stability over varying temperatures. Below are the typical technical characteristics for this series:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (OCXO/TCXO derivative) |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (Full size) or 4-pin square |
| **Voltage Supply** | 3.3V or 5.0V DC |
| **Frequency Stability** | ±50ppm to ±100ppm (Standard) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the 'R' suffix) |
---
### 2. Breakdown of the Part Number
While manufacturers vary slightly, the nomenclature usually breaks down as follows:
* **MHO:** Series prefix (typically indicating a Metal Hermetic package / High Output).
* **74:** Internal code for package size and pin configuration (e.g., 5x7mm SMD or 14-pin DIP).
* **T:** Temperature range indicator (often representing Wide/Industrial temperature).
* **C:** Symmetry/Duty Cycle specification (e.g., 45/55%).
* **D:** Voltage code (frequently 3.3V).
* **-R:** **RoHS Compliant.** This indicates the part is lead-free and meets environmental safety standards.
---
### 3. Key Internal Features
1. **Quartz Crystal Resonator:** The heart of the part, providing the fundamental mechanical vibration.
2. **Compensation Circuitry:** Unlike standard crystals, this part includes active circuitry to maintain frequency despite power fluctuations.
3. **Hermetic Sealing:** The "Metal" designation implies the internal components are sealed in a vacuum or inert gas to prevent aging and moisture interference.
---
### 4. Common Applications
Due to its stability, the MHO+74TCD-R is commonly found in:
* **Networking Gear:** Routers, switches, and base stations.
* **Test & Measurement:** Oscilloscopes and signal generators.
* **Industrial Control:** Embedded systems requiring precise timing for automation.
* **Data Communications:** Synchronizing high-speed data transfers.
---
- ⤷
What is the exact frequency value printed on your specific MHO+74TCD-R unit?
- ⤷ How does an OCXO differ from a standard TCXO in terms of power consumption?
- ⤷ Can this part be used in automotive-grade environments?