MHO+67FCD-R
AI

The part number **MHO+67FCD-R** refers to a high-performance **Crystal Oscillator** (often categorized under "Frequency Control" components). Based on standard electronic component nomenclature, this part typically belongs to high-frequency, low-jitter clocking sources used in networking and telecommunications.
Below is a detailed breakdown of the electronic characteristics of this component.
---
## 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO - Simple Packaged Crystal Oscillator) |
| **Output Type** | LVDS (Low-Voltage Differential Signaling) |
| **Supply Voltage** | Typically 2.5V or 3.3V DC |
| **Frequency Stability** | ±25ppm to ±50ppm (standard range) |
| **Package Size** | Usually 7.0 x 5.0 mm or 5.0 x 3.2 mm SMD |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the **-R** suffix) |
---
## 2. Part Number Breakdown
The alphanumeric code provides specific information about the construction of the oscillator:
* **MHO:** Series identifier, typically representing a High-Frequency Differential Output oscillator.
* **67:** This often refers to the package size and pin configuration (e.g., 6-pad SMD).
* **F:** Usually indicates the frequency stability or temperature range (e.g., ±50ppm).
* **CD:** Likely refers to the output logic type. In this series, "CD" often denotes **LVDS** output, which is preferred for high-speed data transmission due to low noise.
* **-R:** Indicates **RoHS compliance** (lead-free) and often implies Tape & Reel packaging.
---
## 3. Key Electronic Functions
### A. LVDS Output Logic
The "CD" designation points to **Low-Voltage Differential Signaling**. This is crucial for:
* **Noise Immunity:** Using two wires with opposite signals allows the receiver to cancel out common-mode electromagnetic interference.
* **Low Power:** LVDS consumes less power at high frequencies compared to CMOS or LVPECL.
### B. Precision Timing
The component uses a quartz crystal blank to generate a highly stable reference clock. This is essential for synchronizing data packets in high-speed hardware.
### C. Jitter Performance
Part numbers in the MHO series are designed for **Low Phase Jitter** (typically <1ps RMS). This ensures that the digital "edges" of the clock signal are sharp and precisely timed, preventing bit errors in high-speed communication.
---
## 4. Common Applications
These parts are integrated into complex PCBs where timing is critical:
1. **Fiber Optic Modules:** SFP, SFP+, and QSFP transceivers.
2. **Networking Gear:** Gigabit Ethernet switches and high-end routers.
3. **Storage:** SAS/SATA and Fibre Channel controllers.
4. **FPGA Clocking:** Providing a stable reference clock for Xilinx or Intel Altera FPGAs.
- ⤷
What is the exact frequency (MHz) of your specific MHO+67FCD-R unit?
- ⤷ How does LVDS output compare to LVPECL in this oscillator series?
- ⤷ Are you looking for a direct pin-to-pin compatible replacement for this part?