MHO+66FFG-R
AI

The part number **MHO+66FFG-R** refers to a specific series of high-performance **Crystal Oscillators**, typically manufactured by companies like MtronPTI. These components are critical for providing a stable clock signal in electronic circuits.
---
### 1. General Specifications
This part is a **Clock Oscillator** designed for high-frequency stability. Below are the typical technical parameters associated with this series:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (Dual In-line Package) or Half-Size DIP |
| **Operating Voltage** | Generally 5.0V (Standard for MHO series) |
| **Frequency Range** | 1.000 MHz to 100.000 MHz (Specific to exact sub-model) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Part Number Breakdown (Nomenclature)
To understand the specific capabilities, we can decode the alphanumeric string:
* **MHO**: Represents the Series (Metal Hermetic Package, 5.0V, CMOS/TTL).
* **+**: Usually denotes a specific lead-free or environmental compliance marker.
* **66**: This typically refers to the **Frequency Stability** and **Operating Temperature Range**. In the MtronPTI system, "66" often indicates a stability of ±100ppm over -40°C to +85°C.
* **F**: Refers to the **Duty Cycle** (typically 40/60% or 45/55%).
* **F**: Refers to the **Tristate** function (Enable/Disable capability on Pin 1).
* **G**: Denotes the **Package Type** (e.g., Gull-wing or specific pin configuration).
* **-R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Key Technical Features
* **Hermetic Sealing:** The crystal is housed in a metal package that is resistance-welded to protect against moisture and atmospheric contaminants.
* **Tristate Output:** Allows the output to be placed in a high-impedance state, which is useful for testing or for power-saving modes in complex bus architectures.
* **Wide Temperature Range:** Designed to operate in "Industrial" environments (-40°C to +85°C), making it more robust than standard commercial grade parts.
---
### 4. Common Applications
These oscillators are used in systems requiring a reliable "heartbeat":
1. **Networking Hardware:** Switches, routers, and modems.
2. **Industrial Controllers:** PLC (Programmable Logic Controllers) and automation sensors.
3. **Legacy Computing:** Motherboards or expansion cards requiring DIP-style clock sources.
4. **Embedded Systems:** Microcontrollers that require an external high-precision clock rather than an internal RC circuit.
- ⤷
What is the specific output frequency of your MHO+66FFG-R unit?
- ⤷ Do you need the pinout diagram for the 14-pin DIP configuration?
- ⤷ Are you looking for a modern surface-mount (SMD) equivalent for this part?