MHO+56TCD-R
AI

The **MHO+56TCD-R** is a high-precision, high-frequency **Crystal Oscillator (XO)**. These components are critical for providing a stable clock signal in high-speed networking and telecommunications hardware.
---
### 1. General Specifications
This part belongs to a class of surface-mount oscillators designed for low-jitter performance.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | CMOS / TTL Compatible |
| **Package Type** | SMD (Surface Mount Device) - often 5x7mm |
| **Operating Voltage** | Typically 3.3V or 5.0V (Variant dependent) |
| **Frequency Stability** | Usually ±25ppm to ±100ppm |
| **RoHS Status** | Compliant (indicated by -R suffix) |
---
### 2. Breakdown of the Part Number
While specific manufacturer codes can vary slightly, the nomenclature generally breaks down as follows:
* **MHO:** Series identifier (often associated with MtronPTI or similar high-reliability manufacturers).
* **56:** Physical package size or specific internal circuit architecture (typically 5x7mm footprint).
* **T:** Temperature range (often indicates Industrial Grade: -40°C to +85°C).
* **C:** Output type (C usually denotes CMOS).
* **D:** Duty Cycle / Voltage requirements.
* **-R:** RoHS Compliant (Lead-free).
---
### 3. Key Electronic Features
#### High Stability
The "MHO" series is engineered to maintain a very consistent frequency even when exposed to temperature fluctuations or power supply noise. This is vital for maintaining data integrity in high-speed serial links.
#### Low Phase Jitter
Phase jitter refers to small timing deviations in the clock signal. In the MHO+56TCD-R, jitter is minimized to ensure that digital circuits (like FPGAs or CPUs) sample data at the exact correct moment.
#### Tri-state Function
Most oscillators in this series include an **Enable/Disable** (Tri-state) pin.
* When the pin is **High**: The oscillator outputs the clock signal.
* When the pin is **Low**: The output goes to a high-impedance state, reducing power consumption.
---
### 4. Common Applications
* **Networking:** Routers, Switches, and Fiber Optic modules.
* **Industrial:** High-speed data acquisition systems.
* **Computing:** Server motherboards and storage area networks (SAN).
---
- ⤷
What is the specific frequency of the MHO+56TCD-R you are using?
- ⤷ How does phase jitter affect high-speed communication circuits?
- ⤷ Can this oscillator be used in automotive-grade environments?