Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MHO+48FGG-R

  • AI
    The **MHO+48FGG-R** is a high-precision, industrial-grade crystal oscillator manufactured by **MtronPTI**. It belongs to the MHO+ series, which is known for providing reliable timing signals in rugged environments. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Frequency** | 48.000 MHz (Standard) | | **Package Type** | 14-pin DIP (Full Size) | | **Output Type** | HCMOS / TTL Compatible | | **Operating Voltage** | 5.0 VDC | | **Stability** | ±100 ppm (Standard for this series) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (-R suffix) | --- ### Key Components & Features #### 1. The Quartz Resonator Inside the metal can is a precision-cut quartz crystal. When voltage is applied, it vibrates at a fixed frequency (48 MHz). The "F" in the part number often denotes the specific frequency stability and calibration parameters set during manufacturing. #### 2. Oscillator Circuitry The device contains an internal integrated circuit (IC) that includes: * **Amplifier:** Maintains the oscillation of the crystal. * **Output Buffer:** Ensures the signal is strong enough to drive other digital components (TTL/CMOS loads) without degrading the waveform. #### 3. The Package (DIP-14) * **Through-Hole Mounting:** It uses a 14-pin "Full Size" metal package, though only 4 pins are typically functional (Vcc, Ground, Output, and Case Ground/NC). * **Hermetic Sealing:** The metal casing is vacuum-sealed or filled with inert gas to protect the quartz from moisture and aging. --- ### Pin Configuration (Standard MHO+ Series) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | N/C or Tri-State | Usually no connection or used for output enable. | | **7** | Ground | Negative supply/case ground. | | **8** | Output | The 48MHz square wave signal. | | **14** | Vcc | +5.0V Power Supply. | --- ### Applications The MHO+48FGG-R is typically found in: * **Telecommunications:** Base stations and switching equipment. * **Industrial Control:** High-reliability PLC (Programmable Logic Controllers). * **Legacy Computing:** Systems requiring 5V logic levels and 48MHz clocking for microprocessors or Ethernet controllers.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the MHO series and the MSO (surface mount) series?
    • ⤷ How does the 'G' coding in the part number affect the frequency stability?
    • ⤷ Can this oscillator be used in 3.3V logic circuits without a level shifter?