MHO+45TGG-R
AI

The **MHO+45TGG-R** is a high-precision, high-frequency crystal oscillator. It belongs to the MHO series, which is known for its reliability in industrial and telecommunications applications.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Part Series** | MHO+ | High-speed CMOS/TTL compatible |
| **Package Type** | 14-pin DIP | Through-hole, hermetically sealed metal can |
| **Frequency Range** | Typically 1.0 MHz to 100 MHz | Precise frequency depends on sub-marking |
| **Supply Voltage (Vcc)** | 5.0V DC | Standard logic level power |
| **Stability** | ±50 ppm to ±100 ppm | Operating over the specified temperature range |
| **Output Type** | HCMOS / TTL | Square wave output |
| **RoHS Status** | Compliant (-R) | Lead-free construction |
---
### 2. Functional Description
The device is an **Active Crystal Oscillator**. Unlike a passive crystal (which requires external capacitors and an inverter circuit), this component integrates the quartz crystal and the oscillation circuitry into a single shielded package.
#### Internal Components:
* **Quartz Crystal Resonator:** The heart of the unit, providing the stable reference frequency.
* **Oscillator IC:** A low-power CMOS chip that drives the crystal and buffers the output.
* **Bypass Capacitor:** Often integrated internally to reduce power supply noise.
* **Metal Housing:** Provides EMI (Electromagnetic Interference) shielding to prevent the clock signal from interfering with other components.
---
### 3. Pin Configuration
The MHO+ series typically utilizes a standard 4-pin layout within a 14-pin DIP footprint:
| Pin Number | Function | Description |
| :--- | :---: | :--- |
| **Pin 1** | NC or E/D | No connection or Enable/Disable (Tristate) |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated clock signal (Square Wave) |
| **Pin 14** | Vcc | +5.0V Power Supply |
---
### 4. Applications
The MHO+45TGG-R is designed for systems requiring a robust, stable clock source:
* **Legacy Computing:** Motherboards and peripheral controllers.
* **Telecommunications:** Network switches and synchronization modules.
* **Industrial Control:** PLCs and automation hardware.
* **Test Equipment:** Signal generators and counters.
---
- ⤷
What is the difference between the MHO+ and the MSO series oscillators?
- ⤷ How do I implement the Enable/Disable function on Pin 1?
- ⤷ Can this 5V oscillator be used in a 3.3V logic circuit safely?