MHO+44TGG-R
AI

The **MHO+44TGG-R** is a specific part number typically associated with **Full-Size (14-pin DIP) Crystal Clock Oscillators** manufactured by companies like MtronPTI. These components are critical for providing a precise, stable frequency for digital circuits.
---
## 1. Technical Specifications
The alphanumeric code represents specific electrical and physical characteristics. Here is a breakdown of the typical specifications for this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator (XO) |
| **Package Style** | Full-Size (14-pin DIP compatible), Through-Hole |
| **Frequency Range** | Typically 1.0 MHz to 100.0 MHz (Depends on specific sub-code) |
| **Supply Voltage (Vcc)** | +5.0 VDC (Standard for MHO series) |
| **Output Type** | HCMOS / TTL Compatible |
| **Stability** | ±100 ppm (Standard) to ±25 ppm (High precision) |
| **Operating Temp** | 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial) |
---
## 2. Pin Configuration
Even though the package is the size of a 14-pin DIP IC, it usually only utilizes four active pins located at the corners:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC / Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground / Case Ground |
| **Pin 8** | Output | The generated clock signal (Square Wave) |
| **Pin 14** | Vcc | Power Supply (+5V) |
---
## 3. Key Features and Usage
### Features
* **Hermetically Sealed:** The metal "can" package is resistance-welded to protect the quartz crystal from moisture and contaminants.
* **Integrated Design:** Unlike a simple quartz crystal, this is an "active" component. It includes the crystal and the oscillation circuitry (capacitors/transistors) inside the metal housing.
* **Low Jitter:** Designed to provide a clean clock edge for high-speed digital processing.
### Common Applications
1. **Microprocessors:** Providing the "heartbeat" or master clock for CPUs.
2. **Embedded Systems:** Timing for microcontrollers (MCUs) in industrial environments.
3. **Legacy Hardware:** Often found in older computing equipment or industrial controllers requiring 5V logic.
---
## 4. Part Number Breakdown (Generic)
While manufacturers vary slightly, the "MHO" prefix generally follows this logic:
* **MHO:** Series designation (Metal Hermetic Oscillator).
* **4:** Voltage (often denotes 5V).
* **4:** Stability code (e.g., ±50ppm or ±100ppm).
* **T:** Temperature range (T = Extended or specific industrial range).
* **GG:** Output type (HCMOS/TTL).
* **R:** RoHS Compliant (Lead-free).
---
- ⤷
What is the difference between an active oscillator like the MHO+44TGG-R and a passive quartz crystal?
- ⤷ Can I use a 3.3V power supply with this specific oscillator?
- ⤷ What are the standard frequency options available for the MHO series?