MHO+42TAAD-R
AI

The **MHO+42TAAD-R** is a specific part number typically associated with **Crystal Oscillators**, manufactured by companies like MtronPTI. These components are critical for providing a stable clock signal in digital circuits.
---
### 1. Technical Specifications
Below is a breakdown of the typical characteristics for this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package / Case** | 14-pin DIP (Full size) or 8-pin DIP (Half size) equivalent |
| **Output Type** | CMOS / TTL Compatible |
| **Voltage Supply** | Usually 5.0V (Standard for MHO series) |
| **Frequency Stability** | Typically ±100ppm or ±50ppm (varies by suffix) |
| **Operating Temperature** | 0°C to +70°C (Standard commercial grade) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Part Number Breakdown
The alphanumeric code follows a specific nomenclature used by manufacturers:
1. **MHO**: Represents the series (Metal-can, High-reliability Oscillator).
2. **+**: Often indicates a specific revision or lead-free process.
3. **42**: Refers to the technical configuration (Frequency stability and Voltage).
4. **T**: Usually denotes "TTL/CMOS" output compatibility.
5. **AAD**: Internal factory codes for frequency and specific customer requirements.
6. **R**: **RoHS Compliant**. This confirms the part is manufactured without hazardous substances like lead.
---
### 3. Key Functions and Applications
The MHO+42TAAD-R acts as the "heartbeat" of an electronic system. Its primary roles include:
* **Clock Generation:** Providing a precise square wave frequency to microprocessors or FPGAs.
* **Timing Synchronization:** Ensuring that data transmission between different integrated circuits (ICs) happens at the correct intervals.
* **Common Applications:**
* Legacy industrial control systems.
* Network routers and switches.
* Test and measurement equipment.
* Embedded systems requiring a robust metal-can package for EMI shielding.
---
### 4. Typical Pinout (14-pin DIP Package)
While it occupies a 14-pin footprint, only 4 pins are usually active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal |
| **14** | Vcc | Positive Power Supply (+5V) |
- ⤷
What is the specific frequency of the MHO+42TAAD-R?
- ⤷ Can this oscillator be replaced with a modern SMD equivalent?
- ⤷ How does frequency stability (ppm) affect high-speed digital circuits?