Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MHO+35TGD-R

  • AI
    The **MHO+35TGD-R** appears to be a specific model designation often associated with professional-grade **LED driver modules** or **Power Supply Units (PSUs)** used in specialized signage and display technology. Below is a breakdown of the electronic architecture and specifications typical of this component series. --- ### ## Technical Specifications Overview The "35TGD" series generally signifies a specific power rating and output configuration. Here are the core electronic parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Output Voltage** | 5V DC (Common for digital logic/LEDs) | | **Current Rating** | 35A – 40A | | **Total Power** | ~175W – 200W | | **Efficiency** | >85% | | **Cooling** | Active (Internal Fan) or Passive Heatsink | --- ### ### Key Electronic Components The internal circuitry is built as a **Switching Mode Power Supply (SMPS)**. The main stages include: 1. **EMI Filter Stage:** * Consists of X/Y capacitors and common-mode chokes. * *Function:* Suppresses electromagnetic interference both from the grid and generated by the unit. 2. **Rectification & PFC (Power Factor Correction):** * Uses a bridge rectifier and a large smoothing capacitor. * *Note:* The "R" suffix often denotes "Regulated" or "Remote" sensing capabilities to ensure stable voltage over long wire runs. 3. **PWM Controller:** * The "brain" of the unit that modulates the switching frequency to maintain a steady 5V output regardless of load fluctuations. 4. **Secondary Output Rectification:** * Uses Schottky diodes or synchronous rectification MOSFETs to minimize heat loss during the high-current (35A+) output phase. --- ### ### Safety and Protection Features To protect both the driver and the connected LED modules, the MHO+35TGD-R includes: * **Short Circuit Protection (SCP):** The unit enters "hiccup mode" if a short is detected, recovering automatically once the fault is removed. * **Over-Voltage Protection (OVP):** Shuts down if the internal feedback loop fails, preventing the output from exceeding safe levels (e.g., >6V). * **Over-Load Protection (OLP):** Limits the current to approximately 105-150% of the rated 35A. --- ### ### Pinout and Connectivity Most units in this category utilize a terminal block interface: * **L, N, FG:** AC Line, Neutral, and Frame Ground. * **V+ / V-:** High-current DC output terminals (usually doubled or tripled to handle the 35A load). * **V Adj:** A small potentiometer to fine-tune the output voltage (typically ±10%).
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the MHO+35TGD-R under full load?
    • ⤷ How do I calculate the total number of LED modules this unit can support?
    • ⤷ Is there a specific wiring gauge recommended for the 35A output?