MHO+34TCD-R
AI

The **MHO+34TCD-R** is a specific model of a **Crystal Oscillator**, typically manufactured by companies like **Mercury Electronic**. It belongs to the category of Frequency Control products, used to provide a stable clock signal for electronic circuits.
Below is a breakdown of its technical specifications and electronic components.
---
### 1. Technical Specifications Table
| Parameter | Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Size** | 3.2mm x 2.5mm (Standard 3225 size) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +3.3V DC (Common for '3' series) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Part Number Breakdown
The nomenclature of these parts usually follows a specific coding logic:
* **MHO:** Series designation (often indicating a Metal-Hybrid or Miniature Oscillator).
* **+:** Usually indicates RoHS compliance.
* **3:** Represents the operating voltage (3.3 Volts).
* **4:** Represents the frequency stability (often ±50ppm or ±25ppm depending on the specific datasheet version).
* **TCD:** Refers to the internal temperature compensation and output characteristics.
* **R:** Indicates **Tape & Reel** packaging for automated assembly.
---
### 3. Internal Components and Function
The device is an "Active" oscillator, meaning it contains more than just a quartz crystal. Inside the 4-pin ceramic package, you will find:
1. **Quartz Crystal Blank:** A precision-cut piece of quartz that vibrates at a specific frequency via the piezoelectric effect.
2. **Oscillator IC:** A CMOS integrated circuit that provides the necessary amplification and feedback to maintain oscillation.
3. **Bypass Capacitor:** Internal filtering to reduce power supply noise (though external decoupling is still recommended).
4. **Tri-state Function:** Most "TCD" variants include an "Enable/Disable" function on Pin 1, allowing the output to be turned off to save power without powering down the whole system.
---
### 4. Pin Configuration
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (High = Active, Low = High Impedance) |
| **2** | GND | Ground / Case |
| **3** | Output | Frequency Signal Output |
| **4** | Vdd/Vcc | Power Supply (+3.3V) |
---
### 5. Common Applications
* **Networking:** Routers, Switches, and Modems.
* **Computing:** Microprocessor clocks and peripheral controllers.
* **Industrial:** PLCs and embedded sensors requiring stable timing over a wide temperature range.
- ⤷
What is the exact frequency range available for the MHO series?
- ⤷ How does the 'Tri-state' function affect power consumption in this device?
- ⤷ What are the soldering profile requirements for the 3225 SMD package?