MHO+32FCD-R
AI

The **MHO+32FCD-R** is a specific model of a **Crystal Oscillator** manufactured by **MtronPTI**. It belongs to the MHO series, which are typically high-reliability, through-hole components used for frequency control in various electronic circuits.
---
### 1. Technical Specifications
The part number can be decoded to understand its specific electronic characteristics:
| Parameter | Specification | Description |
|:--- |:--- |:--- |
| **Component Type** | XO (Crystal Oscillator) | Provides a steady clock signal. |
| **Package Type** | 14-pin DIP (Full Size) | A rectangular metal "can" with 4 functional pins. |
| **Output Type** | CMOS / TTL | Compatible with standard digital logic levels. |
| **Voltage Supply** | 5.0V (Typical) | standard operating voltage for the MHO series. |
| **Stability** | ±100 ppm (Standard) | Frequency variance over temperature (may vary by sub-suffix). |
### 2. Physical Layout & Pinout
Although it fits in a 14-pin DIP socket, most models only use 4 physical pins located at the corners:
| Pin Number | Function | Description |
|:--- |:--- |:--- |
| **Pin 1** | NC / Tri-state | No connection or Output Enable (depending on sub-model). |
| **Pin 7** | GND | Circuit Ground / Case Ground. |
| **Pin 8** | Output | The generated square wave frequency. |
| **Pin 14** | Vcc | Positive Power Supply (+5V). |
---
### 3. Key Features
* **Hermetically Sealed:** The metal package is vacuum-sealed to protect the quartz crystal from moisture and oxidation, ensuring long-term frequency stability.
* **Through-Hole Mounting:** Designed for traditional PCB mounting or socketing, making it robust for industrial applications.
* **Wide Frequency Range:** The series supports frequencies from 1.0 MHz up to 100+ MHz (the specific frequency is usually printed on the top of the "can").
### 4. Common Applications
These oscillators are used as the "heartbeat" for various digital systems:
1. **Microprocessors:** Providing the external clock for legacy 8-bit or 16-bit CPUs.
2. **Communication Gear:** Timing for modems and networking hardware.
3. **Industrial Controllers:** Used in PLCs and automation equipment due to its durable package.
---
### 5. Troubleshooting Tips
If you are testing this component, keep the following in mind:
* **Decoupling:** Always place a $0.01\mu F$ to $0.1\mu F$ capacitor close to Pin 14 (Vcc) to filter out power supply noise.
* **Orientation:** The corner of the metal case is usually rounded or marked with a dot to indicate Pin 1.
* **Oscilloscope Probe:** When measuring the output on Pin 8, use a high-impedance probe to avoid loading the circuit, which can cause frequency shifts.
- ⤷
What is the specific frequency printed on your MHO+32FCD-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
- ⤷ How do I test if this crystal oscillator is still functioning using an oscilloscope?