MHO+31FAD-R
AI

The **MHO+31FAD-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It is part of the MHO+ series, known for its reliability and precision in timing applications.
---
### 1. Key Technical Specifications
Below are the primary electrical and mechanical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | Typically 1.000 MHz to 156.250 MHz |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 3.3 VDC (±10%) |
| **Frequency Stability** | ±100 ppm (Standard), options for ±25 or ±50 ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | 14-pin DIP (Full size) or 8-pin DIP (Half size) equivalent |
| **RoHS Status** | Compliant (Lead-free) |
---
### 2. Functional Breakdown
The MHO+31FAD-R consists of several internal electronic stages that work together to provide a stable clock signal:
#### A. Quartz Crystal Unit
The "heart" of the component. It uses the piezoelectric effect to vibrate at a specific resonant frequency when an electric field is applied.
#### B. Oscillator Circuitry
Integrated circuitry (IC) that maintains the oscillation of the crystal. It includes:
* **Amplifier:** To sustain the vibration.
* **Feedback Loop:** Ensures the frequency remains locked.
* **Voltage Regulator:** Protects the internal frequency from fluctuations in the input power.
#### C. Output Buffer (CMOS/TTL)
The "FAD" designation implies a specific output drive capability. The output buffer ensures the clock signal has sharp rise and fall times, allowing it to drive multiple digital loads (Fan-out) without signal degradation.
---
### 3. Part Number Decoder
The part number follows a specific nomenclature used by MtronPTI:
* **MHO:** Series prefix (Metal Hermetic Oscillator).
* **+:** Denotes RoHS compliance.
* **3:** Represents the voltage (3.3V).
* **1:** Frequency Stability code (e.g., 1 = ±100ppm).
* **F:** Symmetry/Duty Cycle (typically 40/60% or 45/55%).
* **A:** Operating Temperature range (A = -40°C to +85°C).
* **D:** Package style (e.g., 14-pin DIP through-hole).
* **-R:** Restricted/Tape and Reel or specific revision indicator.
---
### 4. Applications
Because of its through-hole (DIP) design and robust stability, this part is commonly used in:
* **Industrial Controllers:** PLC systems requiring stable timing in harsh temperatures.
* **Legacy Computing:** Replacement parts for older motherboards or timing circuits.
* **Communication Equipment:** Providing the base clock for data transmission.
* **Test & Measurement:** Oscilloscopes and signal generators.
- ⤷
What are the pinout configurations for the 14-pin DIP package?
- ⤷ How does frequency stability (ppm) affect high-speed digital circuits?
- ⤷ Are there surface-mount (SMD) equivalents for the MHO+ series?