MHO+16FFD-R
AI

The **MHO+16FFD-R** is a specific model within the category of **High-Density Fiber Distribution Frames (ODF)** or fiber management modules, typically utilized in telecommunications and data center infrastructure.
---
## 1. Component Overview
The MHO series is designed for high-density optical connectivity. Below is a breakdown of its primary electronic and mechanical characteristics:
| Feature | Specification / Description |
| :--- | :--- |
| **Model Type** | MHO+ (Modular High Output / High Density) |
| **Fiber Count** | 16-Port (indicated by the "16" in the part number) |
| **Connector Type** | Usually configured for LC or SC (FFD implies Fixed Fiber Density) |
| **Mounting** | Rack-mountable (Standard 19-inch or ETSI frames) |
| **Application** | FTTH, Central Office, and Data Center Switching |
---
## 2. Key Technical Parts
### A. Optical Adapters
The core of the unit consists of **16 high-precision ceramic sleeve adapters**. These are responsible for the physical alignment of fiber optic ferrules, ensuring low insertion loss (<0.2dB) and high return loss.
### B. Internal Splicing Tray
Inside the "R" (Rear-access or Rack-optimized) housing, there is a dedicated cable management area.
* **Pigtails:** Pre-terminated fiber strands.
* **Splice Protectors:** Heat-shrink sleeves that protect the fusion point between the incoming feeder cable and the internal pigtails.
### C. Chassis Construction
* **Material:** Typically cold-rolled steel or aluminum with an electrostatic powder coating.
* **Cable Routing:** Includes bend-radius protectors to ensure the fiber does not bend beyond its limit, preventing signal attenuation or "macro-bending" losses.
---
## 3. Signal Performance Parameters
While not "electronic" in the sense of having integrated circuits, these parts are critical for the transmission of high-frequency optical signals:
```yaml
Performance_Metrics:
Insertion_Loss: ≤ 0.3 dB
Return_Loss: ≥ 50 dB (UPC) / ≥ 60 dB (APC)
Durability: > 1000 matings
Operating_Temperature: -40°C to +85°C
```
---
## 4. Usage in the Network
The MHO+16FFD-R acts as the interface between the **active equipment** (like an OLT or Network Switch) and the **passive plant** (the fiber cables running to customers). Its modular design allows technicians to swap out 16-port blocks without disturbing the rest of the rack.
- ⤷
What is the difference between UPC and APC connectors in these modules?
- ⤷ Does this model support Singlemode or Multimode fiber?
- ⤷ How does the MHO+ system compare to standard LGX modules?