AI

The **MHO+15FGG-R** belongs to a specific category of high-precision electronic components, typically classified as a **TCXO (Temperature Compensated Crystal Oscillator)** or a high-stability clock source. These parts are essential in telecommunications, networking, and high-frequency RF applications where frequency stability is critical.
---
### 1. General Specifications
The part number follows a specific manufacturer nomenclature (often associated with brands like MMD or Mercury). Below are the typical characteristics of this series:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO) |
| **Package Type** | DIL-14 (Dual In-Line) or Half-Size DIL |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Range** | Typically 1.000 MHz to 160.000 MHz |
| **Supply Voltage** | Commonly 5.0V or 3.3V (indicated by suffix) |
| **RoHS Status** | Compliant (indicated by the **-R** suffix) |
---
### 2. Breakdown of the Part Number
While nomenclature varies slightly between manufacturers, the code usually breaks down as follows:
1. **MHO**: The series prefix, often designating a Metal Can, High-Stability Oscillator.
2. **+**: Often indicates a specific lead-free process or an enhanced version of the base model.
3. **15**: Typically refers to the **Supply Voltage**. In many naming conventions, "1" or "15" relates to a 5.0V operation, whereas "3" relates to 3.3V.
4. **FGG**: These characters usually define the **Frequency Stability** and **Operating Temperature Range**.
* *Example:* "F" might represent ±25ppm stability, and "GG" might represent a temperature range of -40°C to +85°C.
5. **-R**: Indicates **RoHS Compliance** (Restriction of Hazardous Substances).
---
### 3. Key Electronic Functions
* **Frequency Generation:** It provides a stable "heartbeat" for microprocessors and digital circuits.
* **Temperature Compensation:** Unlike standard crystals, this component contains internal circuitry that adjusts the frequency based on ambient temperature to prevent "drift."
* **Low Phase Jitter:** Designed for high-speed data transmission where timing errors must be minimized.
---
### 4. Typical Pin Configuration (DIL-14 Style)
If this is a standard 14-pin DIP package (where only 4 pins are usually present):
| Pin Number | Function |
| :--- | :--- |
| **Pin 1** | No Connect (NC) or Voltage Control (VCTCXO) |
| **Pin 7** | Ground (Case) |
| **Pin 8** | Output (Square Wave) |
| **Pin 14** | Vcc (Supply Voltage) |
---
### 5. Common Applications
* **Networking:** Base stations, routers, and switches.
* **Test Equipment:** Oscilloscopes and frequency counters.
* **Radio Communication:** Marine and aviation radio systems requiring high precision.
---
- ⤷
What is the exact frequency of the MHO+15FGG-R you are using?
- ⤷ Do you need the specific datasheet values for frequency stability (ppm)?
- ⤷ Are you looking for a modern SMD equivalent for this through-hole part?