Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MH72FCD-R

  • AI
    The **MH72FCD-R** is a specific electronic component primarily identified as an **Electromagnetic Passive Buzzer** or an **Electromagnetic Transducer**. These components are widely used in consumer electronics, automotive alerts, and industrial equipment to provide audible feedback. --- ### 1. Technical Specifications The following table summarizes the typical electrical and physical characteristics of the MH72FCD-R series: | Characteristic | Specification | | :--- | :--- | | **Type** | Electromagnetic (Passive) | | **Rated Voltage** | 1.5V - 3.0V DC (Typical) | | **Operating Voltage** | 1.0V ~ 5.0V DC | | **Current Consumption** | Max 30mA - 80mA (depending on drive) | | **Sound Pressure Level (SPL)** | Min 80dB - 85dB at 10cm | | **Resonant Frequency** | 2048Hz - 2730Hz | | **Operating Temperature** | -20°C to +70°C | | **Mounting Type** | Through-hole (DIP) or SMD (Surface Mount) | --- ### 2. Internal Construction The "MH" series typically utilizes a standard electromagnetic architecture: 1. **Permanent Magnet:** Provides a static magnetic field. 2. **Voice Coil:** A thin copper wire wound around a core. 3. **Diaphragm:** A thin metal plate (usually iron or steel) that vibrates to create sound. 4. **Housing:** A plastic (PBT or Noryl) casing designed to resonate at a specific frequency. --- ### 3. Driving Circuitry Because the MH72FCD-R is a **passive** buzzer, it does not have an internal oscillator. To generate sound, you must provide a **square wave signal** at its resonant frequency. #### Example Arduino Connection (Pseudo-Code) ```cpp // Define the pin connected to the buzzer const int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { // Generate a 2730Hz tone tone(buzzerPin, 2730); delay(500); noTone(buzzerPin); delay(500); } ``` --- ### 4. Key Applications * **Household Appliances:** Microwave beepers, washing machine end-of-cycle alerts. * **Security Systems:** Keypad entry confirmation or low-volume alarms. * **Medical Devices:** Monitoring equipment alerts. * **Computer Peripherals:** Motherboard POST (Power-On Self-Test) beeps. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active buzzer and a passive buzzer like the MH72FCD-R?
    • ⤷ Can this component be driven directly by a microcontroller GPIO pin without a transistor?
    • ⤷ What are the physical dimensions of the MH72FCD-R package?