Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MH63FCG-R

  • AI
    The **MH63FCG-R** is a specific model designation typically associated with high-performance **brushless cooling fans**, often manufactured by companies like Minebea (NMB-MAT) or specialized industrial suppliers for servers, networking gear, and power supplies. Below is a breakdown of the electronic components and technical specifications associated with this type of component. --- ### 1. General Specifications Based on industrial standards for the "MH63" series, the following parameters are generally applicable: | Parameter | Typical Value / Description | | :--- | :--- | | **Motor Type** | DC Brushless Motor (BLDC) | | **Operating Voltage** | 12V DC (standard) | | **Current Draw** | Ranges between 0.15A to 0.45A depending on RPM | | **Bearing Type** | Dual Ball Bearing (indicated by "B" or "G" codes) | | **Housing Material** | UL94V-0 Plastic or Aluminum Alloy | --- ### 2. Electronic Internal Components The "FCG-R" suffix identifies specific electronic control features built into the fan's PCB (Printed Circuit Board): #### A. The Brushless Controller IC Unlike brushed motors, the MH63FCG-R uses an integrated circuit (IC) to handle **electronic commutation**. This IC detects the position of the rotor using Hall-effect sensors and switches the current between the stator coils. #### B. The "F" Signal (Tachometer/Frequency) * **Function:** The "F" usually indicates a **Tachometer Output**. * **Operation:** It provides a square wave signal to the motherboard or controller. By counting the pulses per second, the system monitors the actual RPM of the fan. #### C. The "C" & "G" Features (Control & Grounding) * **PWM Control:** Often includes a third or fourth wire for Pulse Width Modulation, allowing the system to dynamically adjust speed based on temperature. * **Locked Rotor Protection:** The electronics include a safety feature that cuts power to the coils if the blades are obstructed, preventing the motor from burning out. #### D. The "R" Designation (RoHS/Reverse) * **RoHS Compliance:** Most modern "R" suffixes indicate compliance with environmental standards (Restriction of Hazardous Substances). * **Rotation:** In some specific catalogs, R can also denote **Reverse Flow** or **Reverse Polarity Protection** diodes integrated into the input stage. --- ### 3. Wiring Configuration Typical industrial fans of this series use a 3-wire or 4-wire interface: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Positive Power Supply (+12V) | | **Black** | GND | Ground (0V) | | **White/Yellow** | Tach | Frequency Generator (FG) Signal | | **Blue (if 4-wire)** | PWM | Speed Control Input | --- ### 4. Typical Applications * **Server Racks:** High static pressure for dense blade servers. * **Telecommunications:** Cooling for base stations and routers. * **Industrial Power Supplies:** Active cooling for high-wattage AC/DC converters.
    ✨ Follow-up Questions
    • ⤷ What is the exact frame size in millimeters for the MH63 series?
    • ⤷ How do I test the Tachometer (FG) signal using an oscilloscope?
    • ⤷ Does this model support variable voltage speed control or only PWM?