Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MH48TDG-R

  • AI
    The **MH48TDG-R** is a specific model of a **Telecom Power Supply Rectifier Module**, typically manufactured by brands like Delta Electronics or used in Huawei/ZTE power cabinets. These modules are designed to convert AC utility power into stable DC power (usually -48V) to run telecommunications equipment. --- ### 1. Key Technical Specifications The "48" in the model name usually refers to the nominal output voltage, while "TDG" relates to the series architecture. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 85V AC – 300V AC (Universal) | | **Nominal Output Voltage** | -48V DC (Adjustable usually from 42V to 58V) | | **Maximum Output Power** | Approx. 1000W - 2000W (Depending on specific revision) | | **Efficiency** | >92% - 96% (High-efficiency switching) | | **Cooling** | Forced air (Internal variable-speed fan) | | **Interface** | Hot-pluggable gold-plated connector pins | --- ### 2. Internal Electronic Components The MH48TDG-R is a **Switched-Mode Power Supply (SMPS)**. Its internal architecture consists of several critical stages: #### A. Input Filtering and Rectification * **EMI/EMC Filter:** Suppresses high-frequency noise from the power lines to prevent interference. * **Bridge Rectifier:** Converts the incoming AC sine wave into pulsating DC. #### B. Power Factor Correction (PFC) Stage * **Inductors & MOSFETs:** Actively shapes the input current to stay in phase with the voltage. This reduces energy waste and ensures compliance with harmonic current standards. #### C. DC-DC Conversion (The Core) * **PWM Controller:** A high-speed integrated circuit that modulates the pulse width to maintain a constant output voltage regardless of load. * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side for safety. * **Power MOSFETs/IGBTs:** High-speed switches that chop the DC into high-frequency AC for the transformer. #### D. Output Stage * **Schottky Diodes/Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back into clean DC. * **Filter Capacitors:** Large electrolytic and ceramic capacitors smooth out any remaining ripple. --- ### 3. Monitoring and Protection Features The "R" in the suffix often denotes specific communication protocols or redundancy features. * **Microprocessor Control:** Manages digital communication (usually via CAN bus or RS485) to the main controller shelf. * **Protection Circuits:** * **OVP (Over Voltage Protection):** Shuts down if output exceeds safe limits (e.g., >59V). * **OCP (Over Current Protection):** Limits current to prevent overheating during a short circuit. * **OTP (Over Temperature Protection):** Thermal sensors reduce power or shut down the unit if the internal heatsinks get too hot. --- ### 4. Physical Form Factor * **Hot-Swap Capability:** The electronic pins are staggered (the ground pin is longer) so that the module can be plugged into a "live" rack without causing electrical arcs or system crashes. * **LED Indicators:** Usually features three LEDs (Green for OK, Yellow for Alarm/Warning, Red for Fault).
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MH48TDG-R rear connector?
    • ⤷ Can this module be used in a parallel N+1 redundancy configuration?
    • ⤷ How do I troubleshoot a red fault light on this specific rectifier?