Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MH37FAG-R

  • AI
    The **MH37FAG-R** is an electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are frequently used in automotive electronics, power management modules, and telecommunication devices. --- ### 1. Key Technical Specifications The following table summarizes the general characteristics typically associated with this series of power inductors: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance Range** | Typically fixed (Check specific datasheet for exact µH) | | **Tolerance** | Usually ±20% (M) or ±30% | | **Core Material** | Ferrite or Metal Alloy (High Saturation) | | **Operating Temp** | -40°C to +125°C (Automotive Grade standard) | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Physical Construction The "FAG" suffix often denotes specific physical attributes related to the manufacturer's series (such as specific termination styles or height profiles). * **Miniaturization:** Designed for high-density PCB layouts. * **Shielding:** The part is encased in a magnetic shield to prevent Electromagnetic Interference (EMI) from affecting neighboring components. * **Terminations:** Features robust solder pads designed to withstand thermal cycling and vibration. --- ### 3. Common Applications Due to its high current handling and low DC resistance (DCR), the MH37FAG-R is used in: 1. **DC-DC Converters:** Stepping down voltages for processors (Buck converters). 2. **LED Drivers:** Providing stable current for lighting systems. 3. **Noise Filtering:** Used in power supply lines to filter out high-frequency noise. 4. **Automotive Systems:** ADAS (Advanced Driver Assistance Systems) and Infotainment power rails. --- ### 4. Circuit Symbol and Placement In a schematic, this part is represented by the standard inductor symbol. When placing this on a PCB, ensure: * **Short Traces:** Keep the path between the inductor and the switching regulator as short as possible. * **Ground Planes:** Avoid placing high-speed signal traces directly underneath the inductor to prevent noise coupling. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value in microhenries (µH) for the MH37FAG-R?
    • ⤷ Which manufacturer produces the MH37 series inductors?
    • ⤷ Are there specific soldering temperature profiles recommended for this SMD part?