MH26FAG-R
AI

The **MH26FAG-R** is an electronic component primarily classified as a **High-Frequency/Microwave Coaxial Switch**. These devices are essential in RF (Radio Frequency) systems for routing signals between different paths with minimal loss and high isolation.
---
### 1. General Specifications
The MH26FAG-R is typically manufactured by brands like **Teledyne Relays** or similar specialized RF switch manufacturers. Below is a breakdown of its core characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Electromechanical Coaxial Switch |
| **Configuration** | SPDT (Single Pole Double Throw) |
| **Frequency Range** | DC to 26.5 GHz |
| **Actuator Voltage** | Usually 12V or 28V DC (model dependent) |
| **Connector Type** | SMA Female |
| **Switching Speed** | ~10ms to 20ms |
---
### 2. Key Internal Electronic Parts
The functionality of this component relies on several internal sub-assemblies:
#### A. The Actuator (Solenoid)
The heart of the switch is an electromagnetic coil. When voltage is applied, it creates a magnetic field that physically moves a plunger or "armature" to toggle the signal path.
#### B. RF Cavity and Contacts
The signal passes through a precision-machined RF cavity. The contacts are usually gold-plated to ensure:
* **Low Insertion Loss:** Minimal power is lost as the signal passes through.
* **High Isolation:** Prevents signal leakage into the "off" port.
#### C. Control Circuitry
Inside the housing, there are often protection components such as:
* **Suppression Diodes:** To prevent back-EMF spikes from damaging the driving electronics when the coil is de-energized.
* **Indicator Circuitry (Optional):** Some versions include a separate set of DC contacts to verify the switch position remotely.
---
### 3. Applications
The MH26FAG-R is used in high-reliability environments where signal integrity at microwave frequencies is critical:
1. **Automated Test Equipment (ATE):** Routing signals from a Device Under Test (DUT) to different measurement instruments (Spectrum Analyzers, Network Analyzers).
2. **Satellite Communications:** Switching between redundant amplifiers or antennas.
3. **Radar Systems:** Directing pulses between transmit and receive modules.
---
### 4. Technical Summary Table
| Parameter | Typical Value |
| :--- | :--- |
| **Impedance** | 50 Ohms |
| **VSWR** | < 1.7:1 (at 26.5 GHz) |
| **Isolation** | > 60 dB (at high frequencies) |
| **Operating Temp** | -55°C to +85°C |
- ⤷
What is the difference between Failsafe and Latching versions of this switch?
- ⤷ How does insertion loss change as the frequency increases to 26.5 GHz?
- ⤷ What are the common failure modes for electromechanical RF switches?