Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MH24TAD-R

  • AI
    The **MH24TAD-R** is an electronic component primarily classified as a **High-Frequency RF (Radio Frequency) Module**, specifically designed for wireless data transmission and remote control applications. It belongs to the family of 2.4GHz wireless transceivers. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the MH24TAD-R: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.400 GHz to 2.4835 GHz (ISM Band) | | **Operating Voltage** | 1.9V to 3.6V DC | | **Modulation Type** | GFSK (Gaussian Frequency Shift Keying) | | **Output Power** | Programmable (up to +20dBm depending on version) | | **Communication Interface** | SPI (Serial Peripheral Interface) | | **Sensitivity** | -90 dBm to -105 dBm (typical) | | **Antenna Type** | PCB trace antenna or external IPX connector | --- ### 2. Functional Electronic Blocks Inside the MH24TAD-R, the electronic architecture is divided into several critical sections: #### A. The RF Front-End * **LNA (Low Noise Amplifier):** Amplifies weak signals received from the antenna without adding significant noise. * **PA (Power Amplifier):** Boosts the signal strength before it is sent to the antenna for transmission. * **RF Switch:** Toggles the antenna connection between the Transmit (TX) and Receive (RX) paths. #### B. The Baseband Processor * **Modem:** Handles the GFSK modulation and demodulation. * **Packet Handler:** Automatically manages preambles, sync words, and CRC (Cyclic Redundancy Check) for error detection. #### C. Power Management * **Low Dropout Regulator (LDO):** Internally stabilizes the voltage to ensure the sensitive RF circuits receive a clean power supply. --- ### 3. Pin Configuration and Integration To use this part in a circuit, it is typically connected to a Microcontroller (like an Arduino, STM32, or ESP32) via the following pins: 1. **VCC/GND:** Power supply pins. 2. **MOSI/MISO/SCK:** SPI data lines for configuration and data transfer. 3. **CSN (Chip Select Not):** Enables the SPI communication. 4. **CE (Chip Enable):** Activates the RX or TX modes. 5. **IRQ (Interrupt Request):** Alerts the microcontroller when data is received or sent. --- ### 4. Common Applications * **Wireless Remote Controls:** Used in RC toys and industrial controllers. * **Smart Home Devices:** Wireless light switches and sensor nodes. * **PC Peripherals:** Wireless mice, keyboards, and game controllers. * **Telemetry:** Remote monitoring of environmental sensors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the MH24TAD-R in open space?
    • ⤷ How does GFSK modulation compare to standard FSK in terms of efficiency?
    • ⤷ Can the MH24TAD-R communicate directly with a smartphone's Bluetooth?