Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MH17TAD-R

  • AI
    The **MH17TAD-R** is an electronic component primarily classified as a **Precision Temperature-Compensated Crystal Oscillator (TCXO)** or a high-stability frequency control module. These parts are critical in telecommunications and navigation systems where timing accuracy is paramount. --- ## 1. Technical Specifications The "MH17" series typically follows industry standards for high-frequency stability. Below are the common specifications associated with this electronic part: | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | 10 MHz to 40 MHz (varies by sub-model) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Output Type** | CMOS / Clipped Sine Wave | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SMD (Surface Mount Device) | --- ## 2. Key Electronic Features ### Frequency Stability The "TAD" designation often refers to **Temperature Analysis & Drift** compensation. Unlike standard crystals that drift as the device heats up, the MH17TAD-R utilizes an internal thermistor network to adjust the load capacitance, keeping the frequency output extremely steady. ### Low Phase Noise This part is designed to minimize "jitter." In RF (Radio Frequency) circuits, low phase noise is essential to prevent interference between adjacent channels and to ensure clear data transmission. ### Power Management The "-R" suffix usually denotes **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is manufactured without lead or other toxic materials. It also typically features a "Standby" or "Enable/Disable" pin to reduce power consumption when the clock signal is not needed. --- ## 3. Component Architecture Internally, the MH17TAD-R consists of three main electronic sections: 1. **Quartz Crystal Resonator:** The mechanical heart of the component that vibrates at a specific frequency. 2. **Compensation Circuitry:** An integrated circuit (IC) that measures ambient temperature and applies a corrective voltage. 3. **Buffer Amplifier:** Ensures the output signal is strong enough to drive other components on the PCB (Printed Circuit Board) without degrading. --- ## 4. Common Applications * **GPS/GNSS Modules:** Precise timing is required to calculate geographic coordinates. * **Base Stations:** Synchronizing data packets in 4G/5G cellular networks. * **Wi-Fi Routers:** Maintaining stable carrier frequencies for high-speed data. * **IoT Gateways:** Ensuring long-term clock accuracy for scheduled data reporting.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the MH17TAD-R package?
    • ⤷ How does the MH17TAD-R compare to an OCXO in terms of power consumption?
    • ⤷ Is there a specific datasheet for the 26MHz variant of this series?