Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MF1302T-R18

  • AI
    The **MF1302T-R18** is a specific surface-mount electronic component, typically categorized as a **Micro-Switch** or a **Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical interface between the user and the circuit. --- ## Technical Specifications The following table highlights the general electrical and mechanical characteristics typical for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch (SMD Type) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Switching Voltage** | 12V DC to 24V DC | | **Switching Current** | 50mA (Typical) | | **Operating Force** | 1.6N to 2.5N (160gf to 250gf) | | **Travel (Stroke)** | ~0.25mm | | **Mounting Style** | Surface Mount Device (SMD/SMT) | | **Operating Temperature** | -20°C to +70°C | --- ## Key Features * **Tactile Feedback:** Provides a distinct "click" sensation to the user, confirming that the button has been successfully pressed. * **Low Profile:** The "T-R18" suffix often denotes specific height and packaging (Tape and Reel) dimensions, making it suitable for high-density PCB layouts. * **Reliability:** Designed for high-cycle life, often rated for 100,000 to 1,000,000 actuations. * **Sealing:** Depending on the specific sub-series, these may offer IP-rated dust or water resistance. --- ## Pinout and Internal Circuit Tactile switches are simple components. Internally, they consist of a metal dome that collapses when pressed to bridge two contacts. ### Simple Schematic Representation ```text (Terminal 1) ----\ ---- (Terminal 2) | [ Push Button ] | (Terminal 3) ----/ ---- (Terminal 4) ``` *Note: In most 4-pin tactile switches, Terminal 1 is internally connected to 2, and 3 is connected to 4. Pressing the button connects all four terminals.* --- ## Applications The MF1302 series is commonly found in: 1. **Consumer Electronics:** Remote controls, microwave panels, and digital cameras. 2. **Computing:** Mouse buttons, reset switches on motherboards, and keyboard peripherals. 3. **Automotive:** Dashboard buttons, steering wheel controls, and key fobs. 4. **Industrial:** Handheld testing equipment and PLC interface modules.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (height and width) of the MF1302T-R18?
    • ⤷ Is this switch compatible with automated pick-and-place assembly machines?
    • ⤷ What is the recommended soldering profile for this SMD component?