Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MF-R015/600-F

  • AI
    ### Electronic Specifications: MF-R015/600-F The **MF-R015/600-F** is a Radial Leaded Polymer Positive Temperature Coefficient (PPTC) resettable fuse, manufactured by Bourns. It is specifically designed for circuit protection against overcurrent and overtemperature conditions, particularly in telecommunications and power supply applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.150 A | Maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.300 A | Minimum current at which the device will trip. | | **Max. Voltage ($V_{max}$)** | 600 V | Maximum voltage the device can withstand without damage. | | **Max. Current ($I_{max}$)** | 3.0 A | Maximum fault current the device can safely interrupt. | | **Typ. Power ($P_d$)** | 1.0 W | Power dissipated from device when in tripped state. | | **Resistance ($R_{min}$)** | 6.0 $\Omega$ | Minimum resistance before tripping. | | **Resistance ($R_{max}$)** | 12.0 $\Omega$ | Maximum resistance before tripping. | --- ### 2. Functional Characteristics The "resettable" nature of this component distinguishes it from traditional one-time fuses. * **Positive Temperature Coefficient:** As current increases beyond the limit, the internal polymer heats up, causing its resistance to increase exponentially. This effectively "opens" the circuit. * **Reset Mechanism:** Once the fault is removed and the device cools down, the polymer crystalizes back to its conductive state, allowing normal operation to resume. * **Safety Rating:** The "600" in the part number indicates its capability to handle high-voltage surges (up to 600V), which is critical for protection against lightning strikes or power line crosses in telecom equipment. --- ### 3. Physical Attributes The physical construction is designed for through-hole mounting on a PCB. * **Leads:** Tin-plated copper. * **Coating:** Flame-retardant epoxy polymer (meets UL 94V-0). * **Marking:** Typically marked with the Bourns logo, part identification, and date code. --- ### 4. Common Applications * **Customer Premise Equipment (CPE):** Modems, routers, and set-top boxes. * **Telecom Infrastructure:** Protection for T1/E1 lines and analog line cards. * **Power Supplies:** Secondary protection against short circuits.
    ✨ Follow-up Questions
    • ⤷ How does the ambient temperature affect the hold current of this PPTC fuse?
    • ⤷ What is the typical 'Time to Trip' for the MF-R015/600-F at its maximum current?
    • ⤷ What are the primary differences between the MF-R and the MF-RX series?