Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MEV-50A-R

  • AI
    The **MEV-50A-R** is a high-performance, compact **Fast-Acting Fuse** (specifically a power fuse) manufactured by **Eaton (Bussmann Division)**. It is primarily designed for the protection of high-power circuits in electric vehicles (EVs) and heavy machinery. --- ### ## Technical Specifications The following table outlines the key electronic characteristics of the MEV-50A-R: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 50 Amperes | | **Voltage Rating** | 500 Vdc / 500 Vac | | **Interrupting Rating** | 20 kA at 500 Vdc | | **Response Characteristic** | Fast-Acting / Very Fast-Acting | | **Mounting Type** | Bolt-down / Stud Mount (Tag/Blade) | | **Compliance** | RoHS Compliant, UL Recognized | --- ### ## Core Electronic Components & Construction The internal and external architecture of the device includes: 1. **Fusible Element:** * Made of high-conductivity silver or copper alloy. * It is designed with "notches" (reduced cross-sections) that melt precisely when the current exceeds the 50A threshold for a specific duration. 2. **Arc Quenching Material:** * The body is filled with high-purity silica sand. * When the element melts, the sand turns into glass (fulgurite) to insulate the arc and prevent an electrical fire or explosion. 3. **Ceramic Body:** * Constructed from high-grade ceramic to withstand extreme thermal shocks and high internal pressures during a short-circuit event. 4. **Terminal Tags:** * Tin-plated copper or brass blades. The "R" in the part number often denotes the specific terminal configuration (e.g., bolt-on tags) to ensure low contact resistance. --- ### ## Primary Applications The MEV series is engineered for the **DC Bus** of modern power systems: * **EV Battery Packs:** Protecting the main battery output. * **On-board Chargers (OBC):** Guarding the AC/DC conversion circuitry. * **DC/DC Converters:** Protecting low-voltage auxiliary systems from high-voltage spikes. * **Power Distribution Units (PDU):** Acts as a primary safety disconnect in high-voltage junctions. --- ### ## Key Advantages * **Compact Footprint:** High power density allows for space-saving in tight automotive engine bays. * **High Breaking Capacity:** Capable of safely interrupting very high fault currents (20,000 Amps), which is critical for lithium-ion battery safety. * **Vibration Resistance:** Designed to meet automotive standards for mechanical shock and vibration.
    ✨ Follow-up Questions
    • ⤷What is the difference between the MEV series and the EV series fuses?
    • ⤷ How do I calculate the proper I2t rating for this fuse in my circuit?
    • ⤷ Are there alternative mounting styles for the 50A MEV fuse?