Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MERP-14MA-R

  • AI
    The **MERP-14MA-R** is a specific model of an **Electromechanical Power Relay** manufactured by **P&B (Potter & Brumfield)**, a brand under **TE Connectivity**. These relays are designed for high-performance switching in industrial and commercial applications. --- ### 1. Key Technical Specifications The part number "MERP-14MA-R" provides specific data regarding its configuration and electrical ratings: | Feature | Specification | | :--- | :--- | | **Contact Arrangement** | 3 Form C (3PDT - Triple Pole Double Throw) | | **Contact Current Rating** | Typically 10A to 15A (depending on load type) | | **Coil Voltage** | Usually 120VAC or 240VAC (Standard for M series) | | **Mounting Type** | Plug-in / Socket Mount | | **Termination** | Solder/Plug-in Terminals | | **Indicator** | Often includes a mechanical flag or LED indicator | --- ### 2. Component Breakdown The MERP series is characterized by several internal electronic and mechanical parts: * **Electromagnetic Coil:** The core component that creates a magnetic field when energized, pulling the armature to switch the contacts. * **Armature & Spring:** The mechanical linkage that moves the contacts. The spring ensures the contacts return to their "Normally Closed" (NC) position when power is removed. * **Silver-Cadmium Oxide (AgCdO) Contacts:** High-quality contact points designed to resist "pitting" and welding during high-current switching. * **Dust Cover:** A clear or opaque polycarbonate shell that protects the internal mechanisms from environmental contaminants. --- ### 3. Application Use Cases Because of its high reliability and multi-pole configuration, it is commonly used in: 1. **Industrial Control Panels:** For interlocking logic and motor control. 2. **HVAC Systems:** Controlling fans, blowers, and compressors. 3. **Automation:** Switching multiple circuits simultaneously from a single signal. --- ### 4. Cross-Reference & Replacement If you are looking for a replacement, it is often cross-referenced with the **KRP series** or **PRD series** from TE Connectivity, provided the pinout and coil voltage match.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your MERP-14MA-R unit?
    • ⤷ Do you need a wiring diagram for the 3PDT pin configuration?
    • ⤷ Are you looking for a modern equivalent or a replacement socket for this relay?