MEPF-12P6-R
AI

The **MEPF-12P6-R** is a high-performance power inductor, typically manufactured by brands like **ITG Electronics**. It is designed for use in high-current DC-DC converters, voltage regulator modules (VRM), and point-of-load (POL) applications.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the MEPF-12P6-R series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.12 µH to 1.5 µH (varies by sub-model) |
| **Current Rating (Irms)** | High Current (often 40A - 100A range) |
| **DC Resistance (DCR)** | Ultra-low (typically < 0.5 mΩ) |
| **Saturation Current (Isat)** | High saturation capability |
| **Core Material** | Ferrite or Composite powder |
| **Operating Temp** | -40°C to +125°C |
| **Package Style** | Surface Mount (SMD) |
---
### ### Key Electronic Features
1. **Low DCR (DC Resistance):**
The "MEPF" series is engineered to minimize energy loss. By keeping the resistance of the internal copper winding extremely low, the component generates less heat even when carrying massive amounts of current.
2. **Flat Wire Construction:**
Unlike standard round-wire inductors, this part often utilizes **flat wire** technology. This increases the surface area for current flow, reducing the "skin effect" and allowing for a more compact physical footprint.
3. **High Saturation Stability:**
The core material is designed to handle high peak currents without the inductance dropping off sharply. This ensures stable power delivery to CPUs and GPUs during sudden load spikes.
4. **Shielded Design:**
The part is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical in high-density PCB layouts where components are packed closely together.
---
### ### Typical Applications
* **Server & Networking:** High-current power stages for enterprise-grade hardware.
* **Computing:** Multi-phase VRMs for high-end processors.
* **Industrial:** High-efficiency power supplies and motor controllers.
* **Automotive:** (If qualified) Infotainment and ADAS power modules.
---
### ### Deciphering the Part Number
While specific manufacturer naming conventions vary slightly, the code usually breaks down as follows:
* **MEPF:** Series identifier (Molded/High Power/Ferrite).
* **12P6:** Physical dimensions (roughly 12mm x 12mm x 6mm).
* **R:** Denotes "RoHS Compliant" or "Tape & Reel" packaging.
- ⤷
What is the exact saturation current for the 0.15uH variant of this series?
- ⤷ How does flat wire construction compare to traditional round wire in terms of efficiency?
- ⤷ Can this inductor be used in automotive Grade 1 environments?