Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MEH53XAD-R

  • AI
    The **MEH53XAD-R** is a specific model of a **DC Brushless Fan**, typically manufactured by Nidec (formerly Nidec Beta V). These components are widely used in server cooling, industrial electronics, and telecommunications equipment due to their high efficiency and reliability. --- ## 1. Technical Specifications The "MEH53XAD-R" belongs to a high-performance series. Below is a breakdown of its typical electrical and mechanical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC (Standard range 10.2V – 13.8V) | | **Current Draw** | ~0.30A to 0.60A (Varies by specific revision) | | **Motor Type** | Brushless DC (BLDC) Motor | | **Bearing System** | Dual Ball Bearing (for long life) | | **Dimensions** | 80mm x 80mm x 25mm (Approx.) | | **Connector** | 3-Pin or 4-Pin (PWM/Tachometer support) | --- ## 2. Key Electronic Components The internal PCB of the MEH53XAD-R contains several critical electronic parts that manage the rotation and protection of the motor: ### A. The Commutation IC (Driver) Since it is a brushless motor, it does not use physical brushes. Instead, it uses an integrated circuit (IC) to switch the polarity of the electromagnets. * **Function:** Controls the timing of the current sent to the stator coils. * **Feature:** Often includes **Locked Rotor Protection**, which cuts power if the blades are obstructed to prevent the coils from melting. ### B. Hall Effect Sensor A small semiconductor sensor located near the rotor. * **Function:** Detects the position of the permanent magnets on the fan blades. * **Feedback:** Sends signals to the Commutation IC so it knows which coil to energize next. ### C. Signal Outputs (Yellow/Blue Wires) The "-R" suffix often denotes a specific wiring configuration, usually involving: 1. **Tachometer (Frequency Generator):** Outputs a square wave pulse proportional to the RPM. This allows the motherboard to monitor fan speed. 2. **PWM Control (Optional):** Allows for external speed control by pulsing the power supply rather than lowering the voltage. ### D. Protection Circuitry * **Reverse Polarity Protection:** A diode is usually present to prevent damage if the + and - wires are swapped. * **Zener Diodes:** Used to suppress voltage spikes (back EMF) generated when the motor stops or changes speed. --- ## 3. Wiring Configuration Most MEH53XAD-R models follow the standard industrial color coding: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | 12V DC Power | | **Black** | GND (-) | Ground | | **Yellow/White** | SENSE | Tachometer / RPM Signal | | **Blue** | PWM | Speed Control (4-wire models only) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and Airflow (CFM) for the MEH53XAD-R?
    • ⤷ How do I test the Tachometer signal using an oscilloscope?
    • ⤷ Can this fan be used with a 5V power source instead of 12V?