MEH28ZBX-R
AI

The **MEH28ZBX-R** is a specific model of an **Electromagnetic Brake** (clutch-brake component), typically manufactured by companies like **Miki Pulley**. These components are essential in industrial automation for stopping and holding rotating shafts.
---
### 1. Technical Specifications
The "MEH" series refers to a Micro-clutch/brake unit. Below are the typical electronic and mechanical characteristics for this model:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Electromagnetic Spring-Close / Power-Off Brake |
| **Voltage** | 24V DC (Standard) |
| **Braking Torque** | Approximately 0.28 N·m to 0.4 N·m |
| **Power Consumption** | ~5W - 8W (varies by coil efficiency) |
| **Response Time** | High-speed (typically < 30ms) |
| **Mounting Style** | Flange Mount / Shaft through-hole |
---
### 2. Internal Electronic Components
The device operates on electromagnetic principles. Its internal "electronic" assembly consists of the following:
* **Electromagnetic Coil:** The core component. When DC current passes through the copper windings, it creates a magnetic field that pulls the armature plate against the friction disk or releases it (depending on whether it is a "power-on" or "power-off" design).
* **Lead Wires:** Usually two wires (Positive/Negative) for the 24V DC input. Since it is a DC coil, polarity usually does not affect the magnetic pull, but it is standard to follow manufacturer color coding.
* **Friction Facing:** A specialized composite material that provides the stopping force when the magnetic field is engaged/disengaged.
* **Armature Assembly:** The moving metal part that responds to the magnetic flux generated by the coil.
---
### 3. Operating Principle
The **MEH28ZBX-R** functions as a **Power-Off Brake** (Safety Brake):
1. **Power ON:** When 24V DC is applied, the coil creates a magnetic field that overcomes the internal spring pressure, pulling the armature away from the friction plate. The shaft is **free to rotate**.
2. **Power OFF:** When power is cut (intentional or emergency), the magnetic field collapses. Internal springs push the armature against the friction disk, locking the shaft. This provides a "fail-safe" mechanism.
---
### 4. Circuit Implementation
To drive this component electronically, the following setup is required:
```python
# Typical Control Logic
Input: 24V DC Power Supply
Control: Relay or Power MOSFET
Protection: Flyback Diode (1N4007 or similar)
# Note: A diode is CRITICAL to prevent back-EMF from
# destroying your controller when the coil is switched off.
```
---
### 5. Common Applications
* **Robotic Arms:** Holding position when motors are powered down.
* **Medical Equipment:** Precise stopping of rotating scanners or pumps.
* **Office Automation:** Paper feed mechanisms in high-end printers.
* **Conveyor Systems:** Small-scale sorting gates.
- ⤷What is the wiring diagram for connecting this brake to a PLC?
- ⤷ How do I calculate the flyback diode size for this specific coil?
- ⤷ What are the maintenance requirements for the friction disk in the MEH series?