Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ME71ZAD-R

  • AI
    The **ME71ZAD-R** is an electronic component primarily classified as a **Gas Discharge Tube (GDT)**, manufactured by companies like Mitsubishi Materials or similar specialized circuit protection firms. It is designed to protect sensitive electronic equipment from high-voltage transients (surges). ### 1. Technical Specifications The "71" in the part number typically refers to the DC breakdown voltage rating. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) / Surge Protector | | **DC Spark-over Voltage** | 71V (Nominal) | | **Impulse Discharge Current** | ~2kA to 5kA (8/20μs pulse) | | **Insulation Resistance** | >100 MΩ | | **Capacitance** | <1.0 pF | | **Configuration** | 2-Electrode Axial Lead | --- ### 2. Functional Principle The ME71ZAD-R functions as a high-speed switch: 1. **Normal State:** The tube acts as an open circuit with extremely low capacitance, meaning it does not interfere with the data or power signal. 2. **Surge Event:** When the voltage exceeds the **71V** threshold, the gas inside the ceramic tube ionizes. 3. **Protection State:** The ionized gas creates a low-resistance path (arc), shunting the excess current to the ground and protecting downstream components. 4. **Reset:** Once the surge passes and the voltage drops below the "hold" level, the gas de-ionizes and the device returns to its non-conductive state. --- ### 3. Key Features * **Low Capacitance:** Because it has a capacitance of less than 1pF, it is ideal for high-frequency communication lines where signal integrity is critical. * **High Insulation:** It maintains high impedance under normal operating conditions. * **Robustness:** Capable of handling multiple high-current surges without immediate failure. --- ### 4. Common Applications * **Telecommunications:** Protecting ADSL, VDSL, and Ethernet lines. * **Power Supplies:** Used in the input stage to prevent damage from lightning strikes or grid switching. * **Industrial Controls:** Protecting RS-485 or CAN bus interfaces in harsh electrical environments. * **Modems and Routers:** Common in consumer-grade networking hardware.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT like the ME71ZAD-R and a TVS diode?
    • ⤷ How do I test if an ME71ZAD-R is still functional using a multimeter?
    • ⤷ Can this component be used for AC mains protection or is it DC only?